Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8867GLE Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8867GLE Datasheet HTML 1Page - Monolithic Power Systems MP8867GLE Datasheet HTML 2Page - Monolithic Power Systems MP8867GLE Datasheet HTML 3Page - Monolithic Power Systems MP8867GLE Datasheet HTML 4Page - Monolithic Power Systems MP8867GLE Datasheet HTML 5Page - Monolithic Power Systems MP8867GLE Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV8867-LE-00A – 8A HIGH EFFICIENCY SYNC. STEP DOWN SWITCHER WITH I
2C
EV8867-LE-00A Rev.1.0
www.MonolithicPower.com
4
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 12V, VOUT = 1V, L = 1.5µH, TA = 25°C, unless otherwise
VOUT/AC
10mV/div.
VOUT/AC
100mV/div.
VIN/AC
100mV/div.
VSW
10V/div.
IL
5A/div.
VOUT/AC
10mV/div.
VIN/AC
10mV/div.
VSW
10V/div.
IL
500mA/div.
VOUT
500mV/div.
VPG
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VPG
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VPG
5V/div.
VIN
5V/div.
VSW
10V/div.
IL
10A/div.
VOUT
500mV/div.
VPG
5V/div.
VSW
10V/div.
IL
2A/div.
IL
5A/div.
VOUT
500mV/div.
VPG
5V/div.
VSW
10V/div.
IL
2A/div.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com