Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8869WGL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8869WGL
Description  High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8869WGL Datasheet HTML 1Page - Monolithic Power Systems MP8869WGL Datasheet HTML 2Page - Monolithic Power Systems MP8869WGL Datasheet HTML 3Page - Monolithic Power Systems MP8869WGL Datasheet HTML 4Page - Monolithic Power Systems MP8869WGL Datasheet HTML 5Page - Monolithic Power Systems MP8869WGL Datasheet HTML 6Page - Monolithic Power Systems MP8869WGL Datasheet HTML 7Page - Monolithic Power Systems MP8869WGL Datasheet HTML 8Page - Monolithic Power Systems MP8869WGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EV8869W-L-00A
High Efficiency,12A,17V, Synchronous
Step-Down Converter with I²C Interface
EV8869W-L-00A Rev. 1.0
www.MonolithicPower.com
1
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV8869W-L-00A is used for demonstrating
the
performance
of
MPS’s
MP8869W.
MP8869W is a highly integrated and high
frequency synchronous step-down switcher with
I2C control interface. It is optimized to support
up to 12A continuous/15A peak output current
over an input supply range from 3V to 18V with
excellent load and line regulation.
COT control operation provides fast transient
response and eases loop stabilization. In I2C
control loop, the output voltage level can be
controlled, on-the fly through an I2C serial
interface. Output voltage range can be adjusted
from 0.6V to 1.55V in 7.5mV steps. Voltage
scaling slew rate, enable and power saving
mode are also selectable through the I2C
interface. Full protection features include over
voltage, over-current protection and thermal
shut down.
The
MP8869W
is
available
in
QFN-
14(3mmx4mm) package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
3– 18
V
Output Voltage
VOUT
1
V
Continuous Output Current
IOUT
12
A
Peak Output Current
IOUT
15
A
FEATURES
 Wide 3V-to-18V Operating Input Range
 12A Continuous/15A Peak Output Current
 1% Internal Reference Accuracy
 I2C Programmable Output Range from 0.6V
to 1.55V in 7.5mV Steps with Slew Rate
Control
 5% Accuracy Output Voltage and Output
Current Read Back Via I2C
 Selectable PFM/PWM Mode and Adjustable
Frequency & Current Limit Through I2C
 4 Different I2C Address Selectable
 External Soft Start
 Open Drain Power Good Indication
 Output Over Voltage Protection
 Hiccup/Latch off OCP Protection
 QFN-14(3mmx4mm) Package
APPLICATIONS
 Solid State Driver (SSD)
 Flat-Panel Television and Monitors
 Digital Set-Top Boxes
 Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV8869W-L-00A EVALUATION BOAR
(4 layer PCB, 8.5cmх8.5cm)
Board Number
MPS IC Number
EV8869W-L-00A
MP8869WGL
0.01
0.1
1
10
100
60
64
68
72
76
80
84
88
92
96
100


Similar Part No. - MP8869WGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8869WGL MPS-MP8869WGL Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
More results

Similar Description - MP8869WGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8867 MPS-MP8867 Datasheet
967Kb / 27P
High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8869 MPS-MP8869 Datasheet
2Mb / 37P
17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869S MPS-MP8869S Datasheet
2Mb / 39P
18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com