Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7900ILCZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL7900ILCZ
Description  Ambient Light Photo Detect IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7900ILCZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL7900ILCZ Datasheet HTML 1Page - Renesas Technology Corp EL7900ILCZ Datasheet HTML 2Page - Renesas Technology Corp EL7900ILCZ Datasheet HTML 3Page - Renesas Technology Corp EL7900ILCZ Datasheet HTML 4Page - Renesas Technology Corp EL7900ILCZ Datasheet HTML 5Page - Renesas Technology Corp EL7900ILCZ Datasheet HTML 6Page - Renesas Technology Corp EL7900ILCZ Datasheet HTML 7Page - Renesas Technology Corp EL7900ILCZ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EL7900
FN7377 Rev 8.00
Page 3 of 8
September 18, 2009
EL7900
PULSE
DRIVE
VCC
RL
VOUT
FIGURE 1. RISE/FALL TIME MEASUREMENT
CH1
CH2
PULSE DRIVE
VOUT
tD
tR
80%
20%
tS
tF
1ms
1V
0.5V
VS = 3V
TA = +27°C
FIGURE 2. RISE/FALL TIME MEASUREMENT WAVEFORMS
Typical Performance Curves
FIGURE 3. SPECTRAL RESPONSE
FIGURE 4. SENSITIVITY
FIGURE 5. DARK CURRENT vs TEMPERATURE
FIGURE 6. GAIN vs TEMPERATURE
0
20
40
60
80
100
400
500
600
700
800
900
1k
WAVE LENGTH (nm)
EL7900 RELATIVE RESPONSE
EL7900 RELATIVE
RESPONSE WITH IR
GLASS FILTER
ILLUMINATION (LX)
700
600
400
200
0
500
300
100
0
200
400
600
800
1000
VCC = 3V
FLUORESCENT LIGHT
-4000
-3000
-2000
-1000
0
1000
-45 -35 -25 -15 -5 5 1525354555 657585
TEMPERATURE (°C)
VDD = 5V
VDD = 3.3V
TEMPERATURE (°C)
1.20
1.15
0.95
0.80
1.05
0.85
-60
-40
0
40
80
100
-20
20
60
1.10
0.90
1.00
VDD = 3V
FLUORESCENT LIGHT OF 50lux



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com