Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC243J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC243J
Description  Inverting Quad TRI-STATE Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC243J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC243J Datasheet HTML 1Page - National Semiconductor (TI) MM54HC243J Datasheet HTML 2Page - National Semiconductor (TI) MM54HC243J Datasheet HTML 3Page - National Semiconductor (TI) MM54HC243J Datasheet HTML 4Page - National Semiconductor (TI) MM54HC243J Datasheet HTML 5Page - National Semiconductor (TI) MM54HC243J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLL5019
January 1988
MM54HC242MM74HC242
Inverting Quad TRI-STATE
Transceiver
MM54HC243MM74HC243 Quad TRI-STATE Transceiver
General Description
These TRI-STATE bidirectional inverting and non-inverting
buffers utilize advanced silicon-gate CMOS technology and
are intended for two-way asynchronous communication be-
tween data buses They have high drive current outputs
which enable high speed operation when driving large bus
capacitances These circuits possess the low power dissi-
pation and high noise immunity associated with CMOS cir-
cuits but speeds comparable to low power Schottky TTL
circuits They can also drive 15 LS-TTL loads
The MM54HC243MM74HC243 is a non-inverting buffer
and the MM54HC242MM74HC242 is an inverting buffer
Each device has one active high enable (GBA) and one
active low enable (GAB) GBA enables the A outputs and
GAB enables the B outputs This device does not have
Schmitt trigger inputs
All inputs are protected from damage due to static dis-
charge by diodes to VCC and ground
Features
Y
Typical propagation delay 12 ns
Y
TRI-STATE outputs
Y
Two way asynchronous communication
Y
High output current 6 mA (74HC)
Y
Wide power supply range 2 – 6V
Y
Low quiescent supply current 80 mA (74HC)
Connection Diagrams
Dual-In-Line Package
TLL5019 – 1
Top View
Order Number MM54HC242 or MM74HC242
Dual-In-Line Package
TLL5019 – 2
Top View
Order Number MM54HC243 or MM74HC243
Truth Tables
’HC242
Control Inputs
Data Port Status
GAB
GBA
A
B
H
H
OUTPUT
Input
L
H
Isolated
Isolated
H
L
Isolated
Isolated
L
L
Input
OUTPUT
’HC243
Control Inputs
Data Port Status
GAB
GBA
A
B
H
H
OUTPUT
Input
L
H
Isolated
Isolated
H
L
Isolated
Isolated
L
L
Input
OUTPUT
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MM54HC243J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC245A NSC-MM54HC245A Datasheet
127Kb / 6P
Octal TRI-STATE Transceiver
More results

Similar Description - MM54HC243J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS368A NSC-54LS368A Datasheet
137Kb / 6P
Hex TRI-STATE Inverting Buffers
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
Non-Inverting Transceiver with TRI-STATE Outputs
logo
NXP Semiconductors
74F242 PHILIPS-74F242 Datasheet
84Kb / 10P
Quad transceiver, inverting 3-State
1990 Aug 31
74HC242 PHILIPS-74HC242 Datasheet
49Kb / 7P
Quad bus transceiver; 3-state; inverting
December 1990
logo
National Semiconductor ...
DP8308 NSC-DP8308 Datasheet
128Kb / 6P
8-Bit TRI-STATE Bidirectional Transceiver (Non-Inverting)
54F243 NSC-54F243 Datasheet
133Kb / 6P
Quad Bus Transceiver with TRI-STATE Outputs
MM54HCT640 NSC-MM54HCT640 Datasheet
140Kb / 4P
Inverting Octal TRI-STATE Transceiver
MM74HC640 NSC-MM74HC640 Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
DP8303A NSC-DP8303A Datasheet
112Kb / 6P
8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
DP8307A NSC-DP8307A Datasheet
126Kb / 6P
DP8307A 8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com