Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5024IPZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA5024IPZ
Description  Quad 125MHz Video CurrentFeedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5024IPZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA5024IPZ Datasheet HTML 5Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 6Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 7Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 8Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 9Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 10Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 11Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 12Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HA5024
FN3550 Rev 6.00
Page 9 of 17
February 8, 2006
needed, and the HA5024 can drive low impedance (large
capacitance) loads if a series isolation resistor is used.
Referring to Figure 10, both inputs are terminated in their
characteristic impedance; 75
 is typical for video
applications. Since the drivers usually are terminated in their
characteristic impedance the input gain is 0.5, thus the
amplifiers, U2, are configured in a gain of +2 to set the circuit
gain equal to one. Resistors R2 and R3 determine the amplifier
gain, and if a different gain is desired R2 should be changed
according to the equation G = (1 + R3/R2). R3 sets the
frequency response of the amplifier so you should refer to the
manufacturers data sheet before changing its value. R5, C1
and D1 are an asymmetrical charge/discharge time circuit
which configures U1 as a break before make switch to prevent
both amplifiers from being active simultaneously. If this design
is extended to more channels the drive logic must be designed
to be break before make. R4 is enclosed in the feedback
loop of the amplifier so that the large open loop amplifier
gain of U2 will present the load with a small closed loop
output impedance while keeping the amplifier stable for all
values of load capacitance.
The circuit shown in Figure 10 was tested for the full range of
capacitor values with no oscillations being observed; thus,
problem one has been solved.The frequency and gain
characteristics of the circuit are now those of the amplifier
independent of any multiplexing action; thus, problem two
has been solved. The multiplexer transition time is
approximately 15
s with the component values shown.
NOTES:
18. U1 is HA5024IP.
19. All resistors in

20. S1 is break before make.
21. Use ground plane.
FIGURE 9. FOUR CHANNEL VIDEO MULTIPLEXER
+-
U1A
+-
U1B
+-
+-
VIDEO
INPUT
#1
VIDEO OUTPUT
75
 LOAD
R4
75
3
2
4
R1
75
R3
681
R5
2000
R2
681
TO
1
R6
75
R8
681
R7
681
R9
75
10
8
9
7
R10
2000
1 R21
100
2
3
4
VIDEO
INPUT
#3
R11
75
13
12
14
15
-5V
11
R13
681
R12
681
R15
2000
R14
75
+5V
S1
ALL
OFF
VIDEO
INPUT
#4
R16
75
18
19
17
6
20
R19
75
R20
2000
R17
681
R18
681
U1C
U1D
+5V
+5V IN
+5V
0.1
F
10
F0.1F10F
-5V IN
-5V
100
(NOTE 17)
100
(NOTE 17)
100
(NOTE 17)
100
(NOTE 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com