Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9473GL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9473GL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9473GL Datasheet HTML 1Page - Monolithic Power Systems MP9473GL Datasheet HTML 2Page - Monolithic Power Systems MP9473GL Datasheet HTML 3Page - Monolithic Power Systems MP9473GL Datasheet HTML 4Page - Monolithic Power Systems MP9473GL Datasheet HTML 5Page - Monolithic Power Systems MP9473GL Datasheet HTML 6Page - Monolithic Power Systems MP9473GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV9473-L-00A – 3.5A, 36V, STEP-DOWN CONVERTER EVALUATION BOARD
EV9473-L-00A Rev. 1.1
www.MonolithicPower.com
3
12/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV9473-L-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer Manufactuer_P/N
2
C1A,C1B
10μF
Ceramic Cap., 50V, X7R
1210
muRata
GRM32ER71H106KA12L
3
C1C,C2C,C3
0.1μF
Ceramic Cap., 50V, X7R
0603
TDK
C1005X7R1C104K
1
C1D
0.1μF
Ceramic Cap., 50V, X7R
0805
muRata
GRM21BR72A104KAC4L
2
C2A,C2B
22μF
Ceramic Cap., 16V, X7R
1210
muRata
GRM32ER71C226KE79
1
C4
390pF
Ceramic Cap., 50V, C0G
0402
muRata
GRM1885C1H391JA01D
1
C5
1μF
Ceramic Cap., 25V, X7R
0402
muRata
GRM188R71C105KA12D
1
C6
33nF
Ceramic Cap., 16V, X7R
0402
muRata
GRM188R71H333KA61D
1
L1
5.6μH
Inductor, 15mOhm DCR,
10A
SMD
Coilcraft
XAL6060-562ME
1
R1
31.6k
Film Res., 1%
0402
Yageo
RC0603FR-0731K6L
1
R2
10k
Film Res., 1%
0402
Yageo
RC0603FR-0710KL
1
R3
4.99Ω
Film Res., 1%
0402
Yageo
RC0603FR-074R99L
1
R4
620k
Film Res., 1%
0402
Yageo
RC0603FR-07620KL
1
R5
499k
Film Res., 1%
0402
Yageo
RC0603FR-07499KL
1
R6
100k
Film Res., 5%
0402
Yageo
RC0603FR-07100KL
1
R7
63.4k
Film Res., 1%
0402
Yageo
RC0603FR-0763K4L
1
R9
0Ω
Film Res., 5%
0402
Yageo
RC0603FR-070RL
R8
NS
1
U1
MPQ4473 Step-Down Regulator
QFN20-
3x4
MPS
MPQ4473GL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com