Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP1012A Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HIP1012A
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1012A Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HIP1012A Datasheet HTML 7Page - Renesas Technology Corp HIP1012A Datasheet HTML 8Page - Renesas Technology Corp HIP1012A Datasheet HTML 9Page - Renesas Technology Corp HIP1012A Datasheet HTML 10Page - Renesas Technology Corp HIP1012A Datasheet HTML 11Page - Renesas Technology Corp HIP1012A Datasheet HTML 12Page - Renesas Technology Corp HIP1012A Datasheet HTML 13Page - Renesas Technology Corp HIP1012A Datasheet HTML 14Page - Renesas Technology Corp HIP1012A Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
HIP1012A
FN4419 Rev 6.00
Page 14 of 15
March 2004
1
2
3
4
5
6
7
14
13
12
11
10
8
9
U1 HIP1012
C3
0.01
F
R1
0.1
1%
C2
0.047µF
R5
10k
1%
12VIN
GND
GND
5VIN
VDD
12VG
CTIM
PWRON1
12VOUT
GND
GND
5VOUT
JP2
JP1
R2
0.020
1%
R4, 20
1%
C1, 0.1µF
C4, 0.01µF
Q1
RF1K49157
Q2
RF1K49157
J1
1
1
PWRON2
PGOOD
5VG
GND
R3, 20
1%
C5
0.1
F
R6
10
1%
FIGURE 15. HIP1012 EVALUATION CIRCUIT SCHEMATIC AND PHOTO FOR DISK DRIVE HOT PLUG
J2
3/12VS
3/12VG
VDD
MODE/
PWRON2
5VG
5VS
3/12ISEN
RILIM
GND
CPUMP
CTIM
5VISEN
PGOOD
PWRON1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com