Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9928GL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9928GL
Description  60V Current Mode, Synchronous Step-Down Controller Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9928GL Datasheet HTML 1Page - Monolithic Power Systems MP9928GL Datasheet HTML 2Page - Monolithic Power Systems MP9928GL Datasheet HTML 3Page - Monolithic Power Systems MP9928GL Datasheet HTML 4Page - Monolithic Power Systems MP9928GL Datasheet HTML 5Page - Monolithic Power Systems MP9928GL Datasheet HTML 6Page - Monolithic Power Systems MP9928GL Datasheet HTML 7Page - Monolithic Power Systems MP9928GL Datasheet HTML 8Page - Monolithic Power Systems MP9928GL Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EV9928-L-00C
—SYNCHRONOUS STEP DOWN CONTROLLER EV BOARD
EV9928-L-00C Rev. 1.01
www.MonolithicPower.com
3
11/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV9928-L-00C BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
0
CIN1,
CIN2,
CIN3,
CIN4
NS
1
CIN5
47
μF
Electrolytic Cap;100V;
10*10.5;2000H;105
SMD
Jiang Hai
VZ2-100V47
2
C1A,C1B
4.7
μF
Ceramic Cap;100V;X7S
1210
TDK
C3225X7S2A475K
1
C1C
0.47
μF
Ceramic Cap;100V;X7R
0805
muRata
GRM21BR72A474KA73L
1
C2B
220
μF
POSCAP;6.3V;
D2
SANYO
6TPE220MI
1
C2A
22
μF
Ceramic Cap;16V;X7R
1210
muRata
GRM32ER71C226KE79
0
C2C,C2D
NS
1
C3
4.7
μF
Ceramic Cap;16V;X7R
0805
muRata
GRM21BR71C475KA73L
1
C4
1
μF
Ceramic Cap;16V;X7R
0603
muRata
GRM188R71C105KA12D
1
C5
10nF
Ceramic Cap;50V;X7R
0603
muRata
GRM188R71H103KA01
1
C6
680pF
Ceramic Cap;50V;X7R
0603
muRata
GRM188R71H681KA01D
0
C7,C9,
C10,C12,
C13
NS
1
C8
0.1
μF
Ceramic Cap;16V;X7R
0603
muRata
GRM188R71C104KA01D
1
C11
220pF
CeramicCap;100V;X7R
0603
muRata
GRM21BR72A221KA01L
1
D1
1N4148WS Diode;75V;0.15A;
SOD-323
Diodes
1N4148WS-7-F
0
D2
NS
1
D3
DFLS1150 Diode;150V;1A;
Diodes
DFLS1150
0
FB1
NS
0
L1
NS
1
L2
4.7
μH
Inductor;4.7
μH;
7.7mOhm;15A
SMD
Wurth
7443551470
2
M1, M2
SQJ850EP
N-Channel MOSFET;
60V;24A;0.023Ohm
PowerPAK
SO-8L
Vishay
SQJ850EP
0
M3, M4
NS
2
R1, R4
37.4k
Film Resistor;1%
0603
ROYAL
RC0603FR-0737K4L
2
R2, R15
100k
Film Resistor;1%
0603
ROYAL
RC0603FR-07100KL
5
R3,
R11,R12,
R19,R20
0
Film Resistor;5%
0603
ROYAL
RC0603JR-070RL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com