Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4080AIP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP4080AIP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080AIP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP4080AIP Datasheet HTML 1Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 2Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 3Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 4Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 5Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 6Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 7Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 8Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HIP4080A
FN3658 Rev.7.00
Page 4 of 17
July 2004
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD and VCC. . . . . . . . . . . . . . . . . . . . -0.3V to 16V
Logic I/O Voltages . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on AHS, BHS . . . -6.0V (Transient) to 80V (25°C to 125°C)
Voltage on AHS, BHS . . . -6.0V (Transient) to 70V (-55°C to 125°C)
Voltage on ALS, BLS . . . . . . . -2.0V (Transient) to +2.0V (Transient)
Voltage on AHB, BHB . . . . . . VAHS, BHS -0.3V to VAHS, BHS +VDD
Voltage on ALO, BLO. . . . . . . . . . . . .VALS, BLS -0.3V to VCC +0.3V
Voltage on AHO, BHO . . . . . . VAHS, BHS -0.3V to VAHB, BHB +0.3V
Input Current, HDEL and LDEL . . . . . . . . . . . . . . . . . . -5mA to 0mA
Phase Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns
All Voltages relative to VSS, unless otherwise specified.
Operating Conditions
Supply Voltage, VDD and VCC. . . . . . . . . . . . . . . . . . +9.5V to +15V
Voltage on ALS, BLS . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +1.0V
Voltage on AHB, BHB . . . . . . . .VAHS, BHS +5V to VAHS, BHS +15V
Input Current, HDEL and LDEL . . . . . . . . . . . . . . . .-500
A to -50A
Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 3)
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
85
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Power Dissipation at +85°C
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .470mW
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .530mW
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Max. Junction Temperature. . . . . . . . . . . . . . . . . . +125°C
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300°C
(For SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
3.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K, and
TA = +25°C, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = - 40°C
TO +125°C
UNITS
MIN
TYP
MAX
MIN
MAX
SUPPLY CURRENTS AND CHARGE PUMPS
VDD Quiescent Current
IDD
IN- = 2.5V, Other Inputs = 0V
8
11
14
7
14
mA
VDD Operating Current
IDDO
Outputs switching f = 500kHz, No Load
9
12
15
8
15
mA
VCC Quiescent Current
ICC
IN- = 2.5V, Other Inputs = 0V,
IALO = IBLO = 0
-
25
80
-
100
A
VCC Operating Current
ICCO
f = 500kHz, No Load
1
1.25
2.0
0.8
3
mA
AHB, BHB Quiescent Current -
Qpump Output Current
IAHB, IBHB IN- = 2.5V, Other Inputs = 0V,
IAHO =IBHO = 0,
VDD = VCC =VAHB = VBHB = 10V
-50
-25
-11
-60
-10
A
AHB, BHB Operating Current
IAHBO,
IBHBO
f = 500kHz, No Load
0.62
1.2
1.5
0.5
1.9
mA
AHS, BHS, AHB, BHB Leakage Current
IHLK
VBHS = VAHS = 80V,
VAHB = VBHB = 93V
-
0.02
1.0
-
10
A
AHB-AHS, BHB-BHS Qpump
Output Voltage
VAHB -
VAHS
VBHB -
VBHS
IAHB = IAHB = 0, No Load
11.5
12.6
14.0
10.5
14.5
V
INPUT COMPARATOR PINS: IN+, IN-, OUT
Offset Voltage
VOS
Over Common Mode Voltage Range
-10
0
+10
-15
+15
mV
Input Bias Current
IIB
00.5
2
0
4
A
Input Offset Current
IOS
-1
0
+1-2+2
A
Input Common Mode Voltage Range
CMVR
1
-
VDD
-1.5
1VDD
-1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com