Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6012CB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP6012CB
Description  Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6012CB Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP6012CB Datasheet HTML 1Page - Renesas Technology Corp HIP6012CB Datasheet HTML 2Page - Renesas Technology Corp HIP6012CB Datasheet HTML 3Page - Renesas Technology Corp HIP6012CB Datasheet HTML 4Page - Renesas Technology Corp HIP6012CB Datasheet HTML 5Page - Renesas Technology Corp HIP6012CB Datasheet HTML 6Page - Renesas Technology Corp HIP6012CB Datasheet HTML 7Page - Renesas Technology Corp HIP6012CB Datasheet HTML 8Page - Renesas Technology Corp HIP6012CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HIP6012
FN4324 Rev.2.00
Page 2 of 12
December 27, 2004
Typical Application
Block Diagram
12V
+VO
PGND
HIP6012
RT
FB
COMP
SS
GND
OSC
LGATE
UGATE
OCSET
PHASE
BOOT
EN
VCC
+5V OR +12V
PVCC +12V
MONITOR AND
PROTECTION
REF
+
-
+
-
OSCILLATOR
SOFT-
START
POWER-ON
RESET (POR)
INHIBIT
PWM
COMPARATOR
ERROR
AMP
VCC
SS
PWM
RT
GND
OCSET
FB
COMP
EN
1.27 VREF
OVER-
CURRENT
GATE
CONTROL
LOGIC
BOOT
UGATE
LGATE
PHASE
PGND
200
A
PVCC
10
A
4V
REFERENCE
+
-
+
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com