Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6019B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6019B
Description  Advanced Dual PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6019B Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6019B Datasheet HTML 1Page - Renesas Technology Corp HIP6019B Datasheet HTML 2Page - Renesas Technology Corp HIP6019B Datasheet HTML 3Page - Renesas Technology Corp HIP6019B Datasheet HTML 4Page - Renesas Technology Corp HIP6019B Datasheet HTML 5Page - Renesas Technology Corp HIP6019B Datasheet HTML 6Page - Renesas Technology Corp HIP6019B Datasheet HTML 7Page - Renesas Technology Corp HIP6019B Datasheet HTML 8Page - Renesas Technology Corp HIP6019B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN4587 Rev 1.00
Page 1 of 15
April 13, 2005
FN4587
Rev 1.00
April 13, 2005
HIP6019B
Advanced Dual PWM and Dual Linear Power Control
DATASHEET
The HIP6019B provides the power control and protection for
four output voltages in high-performance microprocessor and
computer applications. The IC integrates two PWM
controllers, a linear regulator and a linear controller as well as
the monitoring and protection functions into a single 28 lead
SOIC package. One PWM controller regulates the
microprocessor core voltage with a synchronous-rectified
buck converter, while the second PWM controller supplies the
computer’s 3.3V power with a standard buck converter. The
linear controller regulates power for the GTL bus and the
linear regulator provides power for the clock driver circuits.
The HIP6019B includes an Intel-compatible, TTL 5-input
digital-to-analog converter (DAC) that adjusts the core PWM
output voltage from 2.1VDC to 3.5VDC in 0.1V increments
and from 1.3VDC to 2.05VDC in 0.05V steps. The precision
reference and voltage-mode control provide ±1% static
regulation. The second PWM controller is user-adjustable for
output levels between 3.0V and 3.5V with
2% accuracy. The
adjustable linear regulator uses an internal pass device to
provide 2.5V
2.5%. The adjustable linear controller drives an
external N-Channel MOSFET to provide 1.5V
2.5%.
The HIP6019B monitors all the output voltages. A single
Power Good signal is issued when the core is within ±10% of
the DAC setting and the other levels are above their under-
voltage levels. Additional built-in over-voltage protection for
the core output uses the lower MOSFET to prevent output
voltages above 115% of the DAC setting. The PWM
controller’s over-current functions monitor the output current
by sensing the voltage drop across the upper MOSFET’s
rDS(ON), eliminating the need for a current sensing resistor.
Pinout
HIP6019B
(SOIC)
TOP VIEW
Features
• Provides 4 Regulated Voltages
- Microprocessor Core, I/O, Clock Chip and GTL Bus
• Drives N-Channel MOSFETs
• Operates from +5V and +12V Inputs
• Simple Single-Loop Control Designs
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifiers
- Full 0% to 100% Duty Ratios
• Excellent Output Voltage Regulation
- Core PWM Output:
1% Over Temperature
- I/O PWM Output:
2% Over Temperature
- Other Outputs:
2.5% Over Temperature
• TTL-Compatible 5-Bit Digital-to-Analog Core Output
Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . . 1.3VDC to 3.5VDC
- 0.1V Steps . . . . . . . . . . . . . . . . . . . . 2.1VDC to 3.5VDC
- 0.05V Steps . . . . . . . . . . . . . . . . . . 1.3VDC to 2.05VDC
• Power-Good Output Voltage Monitor
• Microprocessor Core Voltage Protection Against Shorted
MOSFET
• Over-Voltage and Over-Current Fault Monitors
- Does Not Require Extra Current Sensing Element,
Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator; Programmable from
50kHz to 1MHz
• Pb-Free Available (RoHS Compliant)
Applications
• Full Motherboard Power Regulation for Computers
• Low-Voltage Distributed Power Supplies
UGATE2
PHASE2
VID4
VID3
FB2
COMP2
SS
FAULT/RT
FB4
VCC
PGND
LGATE1
PHASE1
GATE3
COMP1
GND
VOUT4
VSEN2
UGATE1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PGOOD
VID2
OCSET2
VSEN1
FB3
VID1
VID0
OCSET1
FB1
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. DWG. #
HIP6019BCB
0 to 70
28 Ld SOIC
M28.3
HIP6019BCBZ
(See Note)
0 to 70
28 Ld SOIC
(Pb-free)
M28.3
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which are
RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - HIP6019B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
HIP6019B INTERSIL-HIP6019B Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
HIP6019BCB INTERSIL-HIP6019BCB Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
HIP6019BCB INTERSIL-HIP6019BCB Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
HIP6019BCBZ INTERSIL-HIP6019BCBZ Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
More results

Similar Description - HIP6019B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6019 INTERSIL-HIP6019 Datasheet
152Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B_05 Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
Advanced PWM and Dual Linear Power Control
April 1999
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com