Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50210 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HSP50210
Description  Digital Costas Loop
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50210 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HSP50210 Datasheet HTML 9Page - Renesas Technology Corp HSP50210 Datasheet HTML 10Page - Renesas Technology Corp HSP50210 Datasheet HTML 11Page - Renesas Technology Corp HSP50210 Datasheet HTML 12Page - Renesas Technology Corp HSP50210 Datasheet HTML 13Page - Renesas Technology Corp HSP50210 Datasheet HTML 14Page - Renesas Technology Corp HSP50210 Datasheet HTML 15Page - Renesas Technology Corp HSP50210 Datasheet HTML 16Page - Renesas Technology Corp HSP50210 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
HSP50210
FN3652 Rev.5.00
Page 13 of 51
Jul 2, 2008
There are two techniques for setting a fixed gain for the
AGC. The first is to set Control Word 2 Bit 31 = 1. This
precludes any error update of present AGC gain value. The
second is to set the upper and lower AGC limits to the
desired gain using Figure 9. The upper and lower limits
have the same value for this case.
The HSP50210 provides two mechanisms for monitoring
signal strength. The first, which involved the THRESH
signal, has already been described. The second
mechanism is via the Microprocessor Interface. The 8 most
significant bits of the AGC loop filter output can be read by
a microprocessor. Refer to the “Microprocessor Interface”
on page 27 for details of how to read this value. This AGC
value has the format described in Figure 8.
AGC Bit Weighting and Loop Response
The AGC loop response is a function of the programmable
gain, the bit weightings inherent in the connection of each
element of the loop, the AGC Loop filter limits and the
magnitude of the input gain error step. Table 6 on page 14
details the bit weighting between each element of the AGC
Loop from the error detector through the weighting at the
gain adjuster in the signal path. The AGC Loop Gain sets the
growth rate of the sum in the loop filter accumulator. The
Loop filter output growth rate determines how quickly the
AGC loop traces the transfer function shown previously in
Figure 9. To calculate the rate at which the AGC can adjust
over a given period of time, a gain step is introduced to the
gain error detector and the amount of change that is
observed between clocks at the AGC Level Adjusters
(multipliers) is the AGC response time in dB per symbol.
This AGC loop will respond immediately with the greatest
correction term, then asymptotically approach zero
correction.
We begin calculation of the loop response with a full scale
error detector input of ±1. This error input is scaled by the
Cartesian to Polar converter, the error detector and the AGC
TABLE 4. AGC GAIN MANTISSA TO DECIMAL MAPPING
BINARY CODE
(MMMMMMAGC)
DECIMAL
VALUE
OF AGC
MANTISSA
BINARY CODE
(MMMMMMAGC)
DECIMAL
VALUE
OF AGC
MANTISSA
000000
0.000000
100000
0.500000
000001
0.015625
100001
0.515625
000010
0.031250
100010
0.531250
000011
0.046875
100011
0.546875
000100
0.062500
100100
0.562500
000101
0.078125
100101
0.578125
000110
0.093750
100110
0.593750
000111
0.109375
100111
0.609375
001000
0.125000
101000
0.625000
001001
0.140625
101001
0.640625
001010
0.156250
101010
0.656250
001011
0.171875
101011
0.671875
001100
0.187500
101100
0.687500
001101
0.203125
101101
0.703125
001110
0.218750
101110
0.718750
001111
0.234375
101111
0.734375
010000
0.250000
110000
0.750000
010001
0.265625
110001
0.765625
010010
0.281250
110010
0.781250
010011
0.296875
110011
0.796875
010100
0.312500
110100
0.812500
010101
0.328125
110101
0.828125
010110
0.343750
110110
0.843750
010111
0.359375
110111
0.859375
011000
0.375000
111000
0.875000
011001
0.390625
111001
0.890625
011010
0.406250
111010
0.906250
011011
0.421875
111011
0.921875
011100
0.437500
111100
0.937500
011101
0.453125
111101
0.953125
011110
0.468750
111110
0.968750
011111
0.484375
111111
0.984375
TABLE 5. AGC GAIN EXPONENT TO DECIMAL MAPPING
BINARY CODE
DECIMAL/HEX
EXPONENT
DECIMAL SCALED
EXPONENT
00
0
20
01
1
21
10
2
22
11
3
23
GAIN CONTROL WORD
(8 MSBs OF LOOP FILTER ACCUMULATOR)
GAIN dB
16
12
8
4
0
24
18
12
6
0
1
FIGURE 9. GAIN CONTROL TRANSFER FUNCTION
LINEAR ESTIMATE IN dB
GAIN
LINEAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com