Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C11506 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11506
Description  ~25째 spot beam compatible with Molex connectors.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11506 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11506 Datasheet HTML 1Page - Ledil, Inc. C11506 Datasheet HTML 2Page - Ledil, Inc. C11506 Datasheet HTML 3Page - Ledil, Inc. C11506 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C11506_BROOKE-S
BROOKE-SC11506_BROOKE-S
~25°
spot
beam
compatible
with
Molex
connectors.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 45 mm
Height
19.5 mm
Fastening
socket
Colour
metal
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
384 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Coating
BROOKE-SC11506_BROOKE-S
Reflector
PC
metal
lacquer
Last update: 11/03/2015
Subject to change without prior notice
Published: 02/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - C11506

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11507 LEDIL-C11507 Datasheet
2Mb / 4P
~30째 medium beam compatible with Molex connectors.
C11508 LEDIL-C11508 Datasheet
2Mb / 4P
~40째 wide beam compatible with Molex connectors.
More results

Similar Description - C11506

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15734 LEDIL-FN15734_18 Datasheet
7Mb / 6P
~25째 spot beam with holder B compatible
FN15970 LEDIL-FN15970_18 Datasheet
8Mb / 9P
~25째 spot beam with holder C compatible with LEDiL HEKLA
C11507 LEDIL-C11507 Datasheet
2Mb / 4P
~30째 medium beam compatible with Molex connectors.
C11508 LEDIL-C11508 Datasheet
2Mb / 4P
~40째 wide beam compatible with Molex connectors.
FCA15511 LEDIL-FCA15511_18 Datasheet
6Mb / 4P
~25째 spot beam. Compatible with ultra high power LEDs.
FCP15704 LEDIL-FCP15704 Datasheet
12Mb / 8P
~25째 spot beam . Compatible with ultra high power LEDs.
FCP15708 LEDIL-FCP15708 Datasheet
5Mb / 4P
~25째 spot beam. Compatible with ultra high power LEDs.
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
~25째 spot beam
C16263 LEDIL-C16263 Datasheet
2Mb / 5P
~25째 spot beam compatible
C13557 LEDIL-C13557 Datasheet
3Mb / 8P
~25째 spot beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com