Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA10563 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10563
Description  25 x 25 mm lens with ~90째 x 8째 oval beam. Assembly with installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10563 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10563 Datasheet HTML 1Page - Ledil, Inc. CA10563 Datasheet HTML 2Page - Ledil, Inc. CA10563 Datasheet HTML 3Page - Ledil, Inc. CA10563 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10563_FLARE-C
FLARE-C
25 x 25 mm lens with ~90° x 8° oval beam.
Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
24.5 x 24.5 mm
Height
14.6 mm
Fastening
tape, screw
Colour
clear
Box size
451 x 241 x 298 mm
Box weight
10.5 kg
Quantity in Box
2160 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
FLARE-C
Lens
PMMA
clear
FLARE-B-TAPE
Tape
Acrylic tape
black
Last update: 05/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA10563

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10560 LEDIL-CA10560 Datasheet
244Kb / 3P
Rose Assembly
CA10561 LEDIL-CA10561 Datasheet
230Kb / 4P
Rose Assembly
CA10561 LEDIL-CA10561 Datasheet
2Mb / 4P
~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
CA10561 LEDIL-CA10561_18 Datasheet
2Mb / 4P
~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
CA10569 LEDIL-CA10569 Datasheet
239Kb / 4P
Rose Assembly
More results

Similar Description - CA10563

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16372 LEDIL-CA16372 Datasheet
1Mb / 4P
~90째 beam. Assembly with installation tape
CA10319 LEDIL-CA10319_18 Datasheet
3Mb / 5P
~35째 8째 oval beam. Assembly with tape.
CA11240 LEDIL-CA11240_18 Datasheet
2Mb / 4P
~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
CA10322 LEDIL-CA10322 Datasheet
2Mb / 4P
~35째 8째 oval beam. Assembly with installation tape.
2F10053 LEDIL-2F10053 Datasheet
1Mb / 5P
23 x 25 mm lens with ~140째 x 20째 oval beam
C10402 LEDIL-C10402 Datasheet
2Mb / 4P
25 x 25 mm lens with ~90째 x 8째 oval beam
C10527 LEDIL-C10527 Datasheet
2Mb / 4P
25 x 25 mm lens with ~95째 x 20째 diffused oval beam
FA11948 LEDIL-FA11948 Datasheet
2Mb / 7P
~90째 160째 wide beam. Assembly with installation tape.
CA12838 LEDIL-CA12838 Datasheet
5Mb / 11P
~100째 x 20째 oval beam. Assembly with location pins and installation tape
CA13057 LEDIL-CA13057 Datasheet
3Mb / 8P
~100째 x 20째 oval beam. Assembly with installation tape
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com