Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K64F Datasheet(PDF) 58 Page - NXP Semiconductors

Part # K64F
Description  Kinetis K64F Sub-Family
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K64F Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button K64F Datasheet HTML 54Page - NXP Semiconductors K64F Datasheet HTML 55Page - NXP Semiconductors K64F Datasheet HTML 56Page - NXP Semiconductors K64F Datasheet HTML 57Page - NXP Semiconductors K64F Datasheet HTML 58Page - NXP Semiconductors K64F Datasheet HTML 59Page - NXP Semiconductors K64F Datasheet HTML 60Page - NXP Semiconductors K64F Datasheet HTML 61Page - NXP Semiconductors K64F Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 85 page
background image
Table 47. Slave mode DSPI timing (full voltage range) (continued)
Num
Description
Min.
Max.
Unit
Frequency of operation
—
7.5
MHz
DS9
DSPI_SCK input cycle time
8 x tBUS
—
ns
DS10
DSPI_SCK input high/low time
(tSCK/2) - 4
(tSCK/2) + 4
ns
DS11
DSPI_SCK to DSPI_SOUT valid
—
23.5
ns
DS12
DSPI_SCK to DSPI_SOUT invalid
0
—
ns
DS13
DSPI_SIN to DSPI_SCK input setup
4
—
ns
DS14
DSPI_SCK to DSPI_SIN input hold
7
—
ns
DS15
DSPI_SS active to DSPI_SOUT driven
—
21
ns
DS16
DSPI_SS inactive to DSPI_SOUT not driven
—
19
ns
First data
Last data
First data
Data
Last data
Data
DS15
DS10
DS9
DS16
DS11
DS12
DS14
DS13
DSPI_SS
DSPI_SCK
(CPOL=0)
DSPI_SOUT
DSPI_SIN
Figure 28. DSPI classic SPI timing — slave mode
3.8.8 Inter-Integrated Circuit Interface (I2C) timing
Table 48. I 2C timing
Characteristic
Symbol
Standard Mode
Fast Mode
Unit
Minimum
Maximum
Minimum
Maximum
SCL Clock Frequency
fSCL
0
100
0
4001
kHz
Hold time (repeated) START condition.
After this period, the first clock pulse is
generated.
tHD; STA
4
—
0.6
—
µs
LOW period of the SCL clock
tLOW
4.7
—
1.25
—
µs
HIGH period of the SCL clock
tHIGH
4
—
0.6
—
µs
Set-up time for a repeated START
condition
tSU; STA
4.7
—
0.6
—
µs
Data hold time for I2C bus devices
tHD; DAT
02
3.453
04
0.92
µs
Table continues on the next page...
Peripheral operating requirements and behaviors
58
Kinetis K64F Sub-Family Data Sheet, Rev. 7, 11/2016
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com