Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9FG104 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9FG104
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG104 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9FG104 Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 9Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 10Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 11Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS9FG104
0839D—06/02/05
SMBus Table: Device Control Register, READ/WRITE ADDRESS (DC/DD)
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
RW
Pin 17
Bit 6
RW
Pin 6
Bit 5
RW
Pin 24
Bit 4
RW
Pin 25
Bit 3
RW
Off
On
Pin 16
Bit 2
RW
Hardware
Select
Software
Select
0
Bit 1
RW
Driven
Hi-Z
0
Bit 0
RW
Down
Center
0
Notes:
1. These bits reflect the state of the corresponding pins at power up, but may be written to
if Byte 0, bit 2 is set to '1'. FS3 is the SEL14M_25M# pin.
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
1
Bit 6
DIF_3 EN
Output Enable
RW
Disable
Enable
1
Bit 5
DIF_2 EN
Output Enable
RW
Disable
Enable
1
Bit 4
1
Bit 3
1
Bit 2
DIF_1 EN
Output Enable
RW
Disable
Enable
1
Bit 1
DIF_0 EN
Output Enable
RW
Disable
Enable
1
Bit 0
1
SMBus Table: Output Stop Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
0
Bit 6
DIF_3 STOP EN Free Run/ Stop Enable RW
Free-run Stop-able
0
Bit 5
DIF_2 STOP EN Free Run/ Stop Enable RW
Free-run Stop-able
0
Bit 4
0
Bit 3
0
Bit 2
DIF_1 STOP EN Free Run/ Stop Enable RW
Free-run Stop-able
0
Bit 1
DIF_0 STOP EN Free Run/ Stop Enable RW
Free-run Stop-able
0
Bit 0
0
Reserved
Reserved
Reserved
See Frequency
Selection Table,
Page 1
SEL14M_25M#
1
(FS3)
FS2
1
FS1
1
FS0
1
-
-
-
-
-
-
-
Byte 2
-
-
-
-
-
-
Byte 1
-
-
-
DIF_STOP# drive mode
SPREAD TYPE
16
Spread Enable
1
-
Enable Software Control of Frequency,
Spread Enable (Spread Type always
Software Control)
24
25
Byte 0
17
6
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com