Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6522CBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6522CBZ
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6522CBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6522CBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6522CBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6522CBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6522CBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6522CBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6522CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6522CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6522CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6522CBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL6522
FN9030 Rev 8.00
Page 2 of 16
Mar 10, 2006
Typical Application
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6522CB
ISL6522CB
0 to 70
14 Ld SOIC
M14.15
ISL6522CBZ
(Note)
6522CBZ
0 to 70
14 Ld SOIC
(Pb-free)
M14.15
ISL6522CBZA
(Note)
6522CBZ
0 to 70
14 Ld SOIC
(Pb-free)
M14.15
ISL6522IB
ISL6522IB
-40 to 85
14 Ld SOIC
M14.15
ISL6522IBZ
(Note)
6522IBZ
-40 to 85
14 Ld SOIC
(Pb-free)
M14.15
ISL6522CV
ISL6522CV
0 to 70
14 Ld TSSOP M14.173
ISL6522CVZ
(Note)
ISL6522CVZ
0 to 70
14 Ld TSSOP
(Pb-free)
M14.173
ISL6522IV
ISL6522IV
-40 to 85
14 Ld TSSOP M14.173
ISL6522IVZ
(Note)
ISL6522IVZ
-40 to 85
14 Ld TSSOP
(Pb-free)
M14.173
ISL6522CR
ISL6522CR
0 to 70
16 Ld 5x5 QFN L16.5x5B
ISL6522CRZ
(Note)
ISL6522CRZ
0 to 70
16 Ld 5x5 QFN
(Pb-free)
L16.5x5B
ISL6522IR
ISL6522IR
-40 to 85
16 Ld 5x5 QFN L16.5x5B
ISL6522IRZ
(Note)
ISL6522IRZ
-40 to 85
16 Ld 5x5 QFN
(Pb-free)
L16.5x5B
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Add “-T” for tape and reel.
Ordering Information (Continued)
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
12V
+VO
PGND
ISL6522
R
T
FB
COMP
SS
GND
OSC
LGATE
UGATE
OCSET
PHASE
BOOT
EN
VCC
+5V OR +12V
PVCC +12V
MONITOR AND
PROTECTION
REF
+
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com