Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4559DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4559DN
Description  1.5A, 55V, 2MHz Step-Down Converter Evaluation Board AEC-Q100 Qualified
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4559DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4559DN Datasheet HTML 1Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 2Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 3Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 4Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 5Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVQ4559DN-00A – 1.5A, 55V, 2MHz STEP-DOWN CONVERTER EVALUATION BOARD
EVQ4559DN-00A Rev. 1.0
www.MonolithicPower.com
3
12/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 12V, VOUT =3.3V, C1 = 4.7µF, C2 = 22µF, L1 = 10µH and TA = +25C, unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
Output Voltage Ripple
IOUT=0.1A
VOUT
AC Coupled
10mV/div
Vsw
10V/div
IL
500mA/div
Output Voltage Ripple
IOUT=1A
VOUT
AC Coupled
10mV/div
Vsw
10V/div
IL
1A/div
Output Voltage Ripple
IOUT=1.5A
VOUT
AC Coupled
10mV/div
Vsw
10V/div
IL
1A/div
0
10
20
30
40
50
60
70
80
90
0
0.5
1
1.5
0
0.5
1
1.5
Vin=12V
Vin=55V
Vin=12V
Vin=48V
On Resistance vs.
Junction Temperature
150
200
250
300
350
400
450
500
-50 -25
0
25
50
75 100 125
JUNCTION TEMPERATURE (C)
VIN Start-up vs.
Junction Temperature
2.90
2.95
3.00
3.05
3.10
3.15
3.20
3.25
Voltage Reference vs.
Junction Temperature
0.780
0.785
0.790
0.795
0.800
0.805
0.810
-50 -25
0
25
50
75 100 125
JUNCTION TEMPERATURE (C)
-50 -25
0
25
50
75 100 125
JUNCTION TEMPERATURE (C)
480
485
490
495
500
505
510
-50 -25
0
25
50
75 100 125
JUNCTION TEMPERATURE (C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com