Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNP3000 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # FNP3000
Description  AC-DC FRONT-END POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FNP3000 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button FNP3000 Datasheet HTML 4Page - Bel Fuse Inc. FNP3000 Datasheet HTML 5Page - Bel Fuse Inc. FNP3000 Datasheet HTML 6Page - Bel Fuse Inc. FNP3000 Datasheet HTML 7Page - Bel Fuse Inc. FNP3000 Datasheet HTML 8Page - Bel Fuse Inc. FNP3000 Datasheet HTML 9Page - Bel Fuse Inc. FNP3000 Datasheet HTML 10Page - Bel Fuse Inc. FNP3000 Datasheet HTML 11Page - Bel Fuse Inc. FNP3000 Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FNP3000 Series
tech.support@psbel.com
OPCODE
(HEX)
COMMAND NAME
NO. OF
BYTES
TYPE
READ /
WRITE
COMMAND DESCRIPTION
01
OPERATION
1
Byte
W
The OPERATION command is used to turn the unit on & off in
conjunction with the CONTROL (short; last make, first make pin).
03
CLEAR_FAULTS
0
N/A
W
Clear fault data latched at STATUS_WORD
19
CAPABILITY
1
Byte
R
Follows PMBus
® spec.
78
STATUS_BYTE
1
Byte
R
Lower byte returned from the STATUS_WORD
79
STATUS_WORD
2
Word
R
The command returns two bytes of data relating to the unit fault
condition.
88
READ_VIN
2
Word
R
Provides the measured input voltage of the power module. (Divide
decimal value by 100)
89
READ_IIN
2
Word
R
Provides the measured input current of the power module. (Divide
decimal value by 100)
8B
READ_VOUT
2
Word
R
Provides the measured output voltage of the power module.
(Divide decimal value by 100)
8C
READ_IOUT
2
Word
R
Provides the measured output current of the power module.
(Divide decimal value by 100)
8D
READ_TEMPERATURE_1
2
Word
R
This command shall return the prevailing internal ambient of the
power module, in degrees Celsius.
8E
READ_TEMPERATURE_2
2
Word
R
This command shall return a select component temperature used
by the power module, in degrees Celsius.
8F
READ_TEMPERATURE_3
2
Word
R
This command shall return a select component temperature used
by the power module, in degrees Celsius.
90
READ_FAN_SPEED_1
2
Word
R
Provides the measured fan speed (RPM) in the power module.
91
READ_FAN_SPEED_2
2
Word
R
Provides the measured fan speed (RPM) in the power module.
96
READ_POUT
2
Word
R
This command shall return the calculated output being delivered
by the power module, in Watts. (Divide value by 10)
97
READ_PIN
2
Word
R
This command shall return the calculated input being drawn by
the power module, in Watts. (Divide value by 10)
98
PMBus
®_REVISION
1
Byte
R
PMBus
® Revision
99
MFR_ID
8
Block
R
The command returns the ASCII string for manufacturer’s ID.
9A
MFR_MODEL
12
Block
R
The command returns the ASCII string manufacturer’s model.
9B
MFR_REVISION
2
Block
R
The command returns the ASCII string manufacturer’s revision
(example case “A0”).
9C
MFR_LOCATION
8
Block
R
The command returns the ASCII string manufacturer’s revision
(example case “TORONTO”).
9D
MFR_DATE
4
Block
R
The command returns the ASCII string manufacturer’s date code
(example case “0913”).
9E
MFR_SERIAL
8
Block
R
The command returns manufacturers serial number.
The following is subset of commands (extracted from the “PMBus® Power System Management Protocol Specification; Part II
Command Language; Rev 1.2, 6 September 2010”) and apply on a per module basis, (although certain commands could be applied
“globally”). For a full definition of the individual command refer to the above referenced PMBusTM specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com