Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM48 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # STM48
Description  48V-to-PoL isolated DC-DC converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button STM48 Datasheet HTML 9Page - Bel Fuse Inc. STM48 Datasheet HTML 10Page - Bel Fuse Inc. STM48 Datasheet HTML 11Page - Bel Fuse Inc. STM48 Datasheet HTML 12Page - Bel Fuse Inc. STM48 Datasheet HTML 13Page - Bel Fuse Inc. STM48 Datasheet HTML 14Page - Bel Fuse Inc. STM48 Datasheet HTML 15Page - Bel Fuse Inc. STM48 Datasheet HTML 16Page - Bel Fuse Inc. STM48 Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 13 of 30
belfuse.com/power-solutions
Package Pinout – MAIN
Land designator per JEP95, SEC. 3, SPP-010 AND SPP-020
, Zero orientation with pin 1 in lower left corner
Pin Description – MAIN
Pad #
Pad name
Pad Function
Pad #
Pad name
Pad Function
A1
N/A
No Pad present
A4
N/C (-In)
Pad present, N/C, Thermal via
B1
N/A
No Pad present
B4
N/C (-In)
Pad present, N/C, Thermal via
C1
N/A
No Pad present
C4
N/A
No Pad present
D1
PFAULT_IN#
Primary side fault indicator
D4
TMP3
Temperature sense Satellite 3
E1
PUCDTO
Primary side uC data output
E4
CSP3
Current sense +v Satellite 3
F1
PUCDTI
Primary side uC data input
F4
CSN3
Current sense -v Satellite 3
G1
PWM1Y
PWM signal for Satellite 1
G4
GND
Secondary side ground
H1
PWM2Y
PWM signal for Satellite 2
H4
GND
Secondary side ground
J1
PWM3Y
PWM signal for Satellite 3
J4
GND
Secondary side ground
K1
PWM4Y
PWM signal for Satellite 4
K4
GND
Secondary side ground
L1
PWM5Y
PWM signal for Satellite 5
L4
FAULT#
Programmable fault indicator
M1
N/A
No Pad present
M4
START6
Start for Satellite 6
N1
N/A
No Pad present
N4
START3
Start for Satellite 3
P1
N/A
No Pad present
P4
GND
Secondary side ground
R1
N/A
No Pad present
R4
GND
Secondary side ground
A2
N/A
No Pad present
A5
N/C (-In)
Pad present, N/C, Thermal via
B2
N/A
No Pad present
B5
N/C (-In)
Pad present, N/C, Thermal via
C2
N/A
No Pad present
C5
N/A
No Pad present
D2
VSRMON
Feed-forward sensor input
D5
TMP2
Temperature sense Satellite 2
E2
PUCCS
Primary side uC chip select
E5
CSP2
Current sense +v Satellite 2
F2
PUCCK
Primary side u-controller clock
F5
CSN2
Current sense -v Satellite 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com