Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1924 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1924
Description  100V, 4A, High Frequency Half-Bridge Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1924 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1924 Datasheet HTML 2Page - Monolithic Power Systems MP1924 Datasheet HTML 3Page - Monolithic Power Systems MP1924 Datasheet HTML 4Page - Monolithic Power Systems MP1924 Datasheet HTML 5Page - Monolithic Power Systems MP1924 Datasheet HTML 6Page - Monolithic Power Systems MP1924 Datasheet HTML 7Page - Monolithic Power Systems MP1924 Datasheet HTML 8Page - Monolithic Power Systems MP1924 Datasheet HTML 9Page - Monolithic Power Systems MP1924 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP1924―100V, 4A HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP1924 Rev. 1.0
www.MonolithicPower.com
6
1/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN4x4-10
Pin #
SOIC-8
Pin #
Name
Description
1
1
VDD
Supply input. This pin supplies power to all the internal circuitry. Place a
decoupling capacitor to ground close to this pin to ensure stable and
clean supply.
2
2
BST
Bootstrap. This is the positive power supply for the internal floating
high-side MOSFET driver. Connect a bypass capacitor between this pin
and SW pin.
3
3
DRVH
Floating driver output.
4
4
SW
Switching node.
5, 6
NC
No connection.
7
5
INH
Control signal input for the floating driver.
8
6
INL
Control signal input for the low side driver.
9
7
VSS,
exposed pad
Chip ground. Connect exposed pad to VSS for proper thermal operation.
10
8
DRVL
Low side driver output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com