Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2584A Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2584A
Description  WIDE BAND 3 CIRCUITS VIDEO SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2584A Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2584A Datasheet HTML 2Page - New Japan Radio NJM2584A Datasheet HTML 3Page - New Japan Radio NJM2584A Datasheet HTML 4Page - New Japan Radio NJM2584A Datasheet HTML 5Page - New Japan Radio NJM2584A Datasheet HTML 6Page - New Japan Radio NJM2584A Datasheet HTML 7Page - New Japan Radio NJM2584A Datasheet HTML 8Page - New Japan Radio NJM2584A Datasheet HTML 9Page - New Japan Radio NJM2584A Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NJM2584A
-9-
0.0
0.2
0.4
0.6
0.8
1.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0
Differential Gain vs. Supply Voltage
1ch-A
1ch-B
2ch-A
2ch-B
3ch-A
3ch-B
Supply Voltage V
+ (V)
1Vpp, 10step video signal input
0.0
0.2
0.4
0.6
0.8
1.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0
Differential Phase vs. Supply Voltage
1ch-A
1ch-B
2ch-A
2ch-B
3ch-A
3ch-B
Supply Voltage V
+ (V)
1Vpp, 10step video signal input
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0
Signal to Noise Ratio vs. Supply Voltage
1ch-A
1ch-B
2ch-A
2ch-B
3ch-A
3ch-B
Supply Voltage V
+ (V)
1Vpp, 100% white video signal input
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0
Switching Voltage H Level vs. Supply Voltage
1ch
2ch
3ch
Supply Voltage V
+ (V)
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0
Switching Voltage L Level vs. Supply Voltage
1ch
2ch
3ch
Supply Voltage V
+ (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com