Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2740 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2740
Description  DUAL OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2740 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2740 Datasheet HTML 1Page - New Japan Radio NJM2740 Datasheet HTML 2Page - New Japan Radio NJM2740 Datasheet HTML 3Page - New Japan Radio NJM2740 Datasheet HTML 4Page - New Japan Radio NJM2740 Datasheet HTML 5Page - New Japan Radio NJM2740 Datasheet HTML 6Page - New Japan Radio NJM2740 Datasheet HTML 7Page - New Japan Radio NJM2740 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM2740
-7-
Ver.2003/12/04
Equivalent Input Noise Voltage
vs. Input Resistance
0.1
1
10
0.01
0.1
1
10
100
Input Resistance [kΩ]
V+/V-=±3.0V ,RF=100kΩ,RG=100Ω,JIS A,Ta=25°C
Pulse Response (Rise)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-1
0
123
Time [µsec]
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
V+/V-=±2.5V,AV=0dB,f=100kHz,
VIN=±1V,RL=10KΩ,CL=0pF
INPUT
OUTPUT
Ta=-40°C
Ta=+85°C
Ta=+25°C
Pulse Response (Fall)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-6
-5
-4
-3
-2
Time[µsec]
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
V+/V-=±2.5V,AV=0dB,f=100kHz,
VIN=±1V,RL=10KΩ,CL=0pF
INPUT
OUTPUT
Ta=-40°C
Ta=+25°C
Ta=+85°C
Total Harmonic Distortion
vs. Output Voltage
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Voltage [Vrms]
V+/V-=±3.0V,GV=10dB,RL=4KΩ,Ta=25°C
20Hz
1kHz
20kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com