Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1160M Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW1160M
Description  AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1160M Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW1160M Datasheet HTML 5Page - New Japan Radio NJW1160M Datasheet HTML 6Page - New Japan Radio NJW1160M Datasheet HTML 7Page - New Japan Radio NJW1160M Datasheet HTML 8Page - New Japan Radio NJW1160M Datasheet HTML 9Page - New Japan Radio NJW1160M Datasheet HTML 10Page - New Japan Radio NJW1160M Datasheet HTML 11Page - New Japan Radio NJW1160M Datasheet HTML 12Page - New Japan Radio NJW1160M Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
NJW1160
-9 -
I
I
I
I APPLICATION CIRCUIT
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
30
29
28
27
26
INa
BBE1a
BBE2a
TONE-Ha
TONE-La
OUTa
AGC
SRS/SS-FIL1
16
17
18
19
20
CVB
CVA
SDA
SCL
GND
INb
BBE1b
BBE2b
TONE-Hb
TONE-Lb
OUTb
SRS-FIL2
VREF
CTH
25
24
23
22
21
CTL
AUX0
AUX1
Vcc
4.7µ
3.3n
33n
4.7n
100n
4.7µ
4.7µ
4.7µ
1µ
22n
4.7µ
4.7µ
4.7µ
3.3n
33n
4.7n
100n
4.7µ
4.7µ
4.7µ
4.7µ
4.7µ
4.7µ
22µ
BBEOUTa
TONEINa
TONEINb
BBEOUTb
4.7K
330nF
8.2n
(NOTE)
1. Separate the I
2C bus line from the following terminals for avoiding digital noise problem.
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
2
BBE1a
6
TONE-Ha
10
SRS/SS-FIL1
24
TONE-Lb
28
BBE2b
3
BBE2a
7
TONE-La
22
SRS-FIL2
25
TONE-Hb
29
BBE1b
2. The constant of capacitors connected to the terminals No.2, 3, 28 and 29 are designated by BBE Sound Inc.
Do not change the constant of these capacitors without the approval of BBE Sound Inc.
3. The constant of capacitors connected to the terminals No.10 and 22 are designated by SRS Labs.
Do not change the constant of these capacitors without the approval of SRS Labs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com