Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR-VH9F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LR-VH9F
Description  SMT package, standard SMT footprint 0402, colorless diffused resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-VH9F Datasheet(HTML) 4 Page - OSRAM GmbH

  LR-VH9F Datasheet HTML 1Page - OSRAM GmbH LR-VH9F Datasheet HTML 2Page - OSRAM GmbH LR-VH9F Datasheet HTML 3Page - OSRAM GmbH LR-VH9F Datasheet HTML 4Page - OSRAM GmbH LR-VH9F Datasheet HTML 5Page - OSRAM GmbH LR-VH9F Datasheet HTML 6Page - OSRAM GmbH LR-VH9F Datasheet HTML 7Page - OSRAM GmbH LR-VH9F Datasheet HTML 8Page - OSRAM GmbH LR-VH9F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2013-07-18
4
Version 1.2
LR VH9F
Characteristics (TS = 25 °C; IF = 5 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
632
nm
Dominant Wavelength 3)page 20
Dominantwellenlänge 3) Seite 20
(min.)
(typ.)
(max.)
λdom
λdom
λdom
620
625
633
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
25
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
140 (horizontal)
165 (vertical)
°
Forward voltage 4) page 20
Durchlassspannung 4)Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
1.80
2.00
2.40
V
V
V
Reverse current
Sperrstrom
(VR = 5 V)
(typ.)
(max.)
IR
IR
0.01
10
μA
µA
Real thermal resistance junction / ambient
5) page 20 , 6) page 20
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 20 , 6) Seite 20
(max.)
Rth JA real
650
K/W
Real thermal resistance junction / solder point
6) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 20
(max.)
Rth JS real
430
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com