Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5DS64M4AT Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # NT5DS64M4AT
Description  256Mb DDR333/300 SDRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT5DS64M4AT Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button NT5DS64M4AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 9Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 10Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 11Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 13Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 14Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 15Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb DDR333/300 SDRAM
Preliminary
10/01
12
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Truth Table 2: Clock Enable (CKE)
1. CKE n is the logic state of CKE at clock edge n: CKE n-1 was the state of CKE at the previous clock edge.
2. Current state is the state of the DDR SDRAM immediately prior to clock edge n.
3. Command n is the command registered at clock edge n, and action n is a result of command n.
4. All states and sequences not shown are illegal or reserved.
Current State
CKE n-1
CKEn
Command n
Action n
Notes
Previous
Cycle
Current
Cycle
Self Refresh
L
L
X
Maintain Self-Refresh
Self Refresh
L
H
Deselect or NOP
Exit Self-Refresh
1
Power Down
L
L
X
Maintain Power-Down
Power Down
L
H
Deselect or NOP
Exit Power-Down
All Banks Idle
H
L
Deselect or NOP
Precharge Power-Down Entry
All Banks Idle
H
L
Auto Refresh
Self Refresh Entry
Bank(s) Active
H
L
Deselect or NOP
Active Power-Down Entry
H
H
See “Truth Table 3: Current State
Bank n - Command to Bank n (Same
Bank)” on page 13
1. Deselect or NOP commands should be issued on any clock edges occurring during the Self Refresh Exit (tXSNR) period. A minimum of
200 clock cycles are needed before applying a read command to allow the DLL to lock to the input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com