Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-T67K Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LS-T67K
Description  white PLCC-2 package, colorless clear resin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-T67K Datasheet(HTML) 4 Page - OSRAM GmbH

  LS-T67K Datasheet HTML 1Page - OSRAM GmbH LS-T67K Datasheet HTML 2Page - OSRAM GmbH LS-T67K Datasheet HTML 3Page - OSRAM GmbH LS-T67K Datasheet HTML 4Page - OSRAM GmbH LS-T67K Datasheet HTML 5Page - OSRAM GmbH LS-T67K Datasheet HTML 6Page - OSRAM GmbH LS-T67K Datasheet HTML 7Page - OSRAM GmbH LS-T67K Datasheet HTML 8Page - OSRAM GmbH LS-T67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2014-01-08
4
Version 1.1
LS T67K
Characteristics (TS = 25 °C; IF = 2 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
643
nm
Dominant Wavelength 3)page 18
Dominantwellenlänge 3) Seite 18
(min.)
(typ.)
(max.)
λdom
λdom
λdom
624
630
636
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
16
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage 4) page 18
Durchlassspannung 4)Seite 18
(min.)
(typ.)
(max.)
VF
VF
VF
1.70
1.80
2.20
V
V
V
Reverse current
Sperrstrom
(VR = 12 V)
(typ.)
(max.)
IR
IR
0.01
10
μA
µA
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.14
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.05
nm/K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-2.20
mV/K
Real thermal resistance junction / ambient
5) page 18 , 6) page 18
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 18 , 6) Seite 18
(max.)
Rth JA real
420
K/W
Real thermal resistance junction / solder point
6) page 18
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 18
(max.)
Rth JS real
260
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com