Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB75NH02L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB75NH02L
Description  N-CHANNEL 24V - 0.0062W -75A - D2PAK STripFET™ III POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB75NH02L Datasheet(HTML) 2 Page - STMicroelectronics

  STB75NH02L Datasheet HTML 1Page - STMicroelectronics STB75NH02L Datasheet HTML 2Page - STMicroelectronics STB75NH02L Datasheet HTML 3Page - STMicroelectronics STB75NH02L Datasheet HTML 4Page - STMicroelectronics STB75NH02L Datasheet HTML 5Page - STMicroelectronics STB75NH02L Datasheet HTML 6Page - STMicroelectronics STB75NH02L Datasheet HTML 7Page - STMicroelectronics STB75NH02L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STB75NH02L
2/8
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
ON/OFF
Symbol
Parameter
Value
Unit
Vspike(1)
Drain-source Voltage Rating
30
V
VDS
Drain-source Voltage (VGS =0)
24
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
24
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
75
A
ID
Drain Current (continuous) at TC = 100°C
53
A
IDM (5)
Drain Current (pulsed)
300
A
PTOT
Total Dissipation at TC = 25°C
85
W
Derating Factor
1
W/°C
EAS (2)
Single Pulse Avalanche Energy
TBD
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
Rthj-case
Thermal Resistance Junction-case Max
1
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature for Soldering Purpose
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 25 mA, VGS = 0
24
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = 20V
1µA
VDS = 20V, TC =125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 20V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250µA
1
V
RDS(on)
Static Drain-source On
Resistance
VGS =10V,ID =30 A
VGS =5 V, ID =30A
0.0062
0.008
0.008
0.014
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com