Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT-M673 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LT-M673
Description  white SMT package, colorless clear resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT-M673 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LT-M673 Datasheet HTML 4Page - OSRAM GmbH LT-M673 Datasheet HTML 5Page - OSRAM GmbH LT-M673 Datasheet HTML 6Page - OSRAM GmbH LT-M673 Datasheet HTML 7Page - OSRAM GmbH LT-M673 Datasheet HTML 8Page - OSRAM GmbH LT-M673 Datasheet HTML 9Page - OSRAM GmbH LT-M673 Datasheet HTML 10Page - OSRAM GmbH LT-M673 Datasheet HTML 11Page - OSRAM GmbH LT-M673 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2017-01-31
8
Version 1.2 - OS-PCN-2016-012-A
LT M673
Forward Current 7) page 20 , 8) page 20
Durchlassstrom 7) Seite 20 , 8) Seite 20
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 20 , 8) page 20
Relative Lichtstärke 7) Seite 20 , 8) Seite 20
IV/IV(10 mA) = f(IF); TS = 25 °C
Dominant Wavelength 7) page 20
Dominante Wellenlänge 7) Seite 20
λdom = f(IF); TS = 25 °C
LT M673
2,5
4,3
2,8 3,0 3,2 3,4 3,6 3,8 4,0
VF [V]
1
5
10
50
IF [mA]
LT M673
1
10
0
1
2
3 4 5
10
20 30 40 50
IF [mA]
0,2
0,3
0,4
0,5
1
2
3
IV
IV(10mA)
LT M673
1
20
40
60
80
10
0
IF [mA]
480
500
520
540
560
580
λ dom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com