Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F13839 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F13839
Description  White version with ~91째 wide beam compatible with BJB connectors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13839 Datasheet(HTML) 1 Page - Ledil, Inc.

  F13839 Datasheet HTML 1Page - Ledil, Inc. F13839 Datasheet HTML 2Page - Ledil, Inc. F13839 Datasheet HTML 3Page - Ledil, Inc. F13839 Datasheet HTML 4Page - Ledil, Inc. F13839 Datasheet HTML 5Page - Ledil, Inc. F13839 Datasheet HTML 6Page - Ledil, Inc. F13839 Datasheet HTML 7Page - Ledil, Inc. F13839 Datasheet HTML 8Page - Ledil, Inc. F13839 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRODUCT
DATASHEET
F13839_ANGELINA-XW-B
ANGELINA-XW-B
White version with ~91° wide beam compatible
with BJB connectors
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 82 mm
Height
31 mm
Fastening
socket
Colour
white
Box size
480 x 280 x 300 mm
Box weight
11.1 kg
Quantity in Box
2035 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Coating
ANGELINA-XW-B
Reflector
HRPC
white
Last update: 28/05/2018
Subject to change without prior notice
1/15
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - F13839

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13838 LEDIL-F13838 Datasheet
8Mb / 163P
ANGELINA series
F13838 LEDIL-F13838 Datasheet
11Mb / 23P
White version with ~91째 wide beam
F13838 LEDIL-F13838_18 Datasheet
11Mb / 23P
White version with ~91째 wide beam
More results

Similar Description - F13839

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13662 LEDIL-F13662_18 Datasheet
9Mb / 19P
~10째 spot beam compatible with BJB connectors
F13663 LEDIL-F13663_18 Datasheet
8Mb / 19P
~30째 medium beam compatible with BJB connectors
F13664 LEDIL-F13664_18 Datasheet
9Mb / 17P
~45째 wide beam compatible with BJB connectors
F13841 LEDIL-F13841_18 Datasheet
9Mb / 16P
White version with ~70째 wide beam compatible with BJB connectors
C11508 LEDIL-C11508 Datasheet
2Mb / 4P
~40째 wide beam compatible with Molex connectors.
F14616 LEDIL-F14616 Datasheet
16Mb / 8P
~10째 spot beam compatible with BJB connectors
F14617 LEDIL-F14617 Datasheet
5Mb / 8P
~50째 medium beam compatible with BJB connectors
F14618 LEDIL-F14618 Datasheet
5Mb / 8P
~60째 wide beam compatible with BJB connectors
F13838 LEDIL-F13838_18 Datasheet
11Mb / 23P
White version with ~91째 wide beam
F16012 LEDIL-F16012 Datasheet
6Mb / 4P
~35째 medium beam compatible with BJB connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com