Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-2F81-2S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPL-2F81-2S
Description  Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL-2F81-2S Datasheet(HTML) 1 Page - OSRAM GmbH

  SPL-2F81-2S Datasheet HTML 1Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 2Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 3Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 4Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 5Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 6Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 7Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2016-03-02
1
2016-03-02
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
Version 1.1
SPL 2F81-2S
Ordering Information
Features:
•
Efficient radiation source for cw and pulsed operation
•
Reliable InGa(Al)As strained quantum-well structure
•
New optimized single quantum-well structure
•
Improved reliability, low treshold current, higher efficiency
•
Small TO-220 package with efficient thermal coupling
•
Included thermistor allows wavelength control by temperature
•
FC-type connector for efficient fiber coupling into a 200 µm / 0.22 NA fiber
Applications
•
Pumping of fiber lasers and amplifiers (Er,Yb)
•
Pumping of solid state lasers (Nd: YAG, Yb: YAG)
•
Medical applications
•
Soldering, heating, illumination
•
Energy transmission
•
Testing and measuring applications
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 "Safety of laser products".
Type:
Peak wavelength
1) page 7
Ordering Code
λpeak [nm]
SPL 2F81-2S
808
Q65110A1722


Similar Part No. - SPL-2F81-2S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
More results

Similar Description - SPL-2F81-2S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG98 OSRAM-SPLCG98 Datasheet
187Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2F81-2S OSRAM-SPL2F81-2S Datasheet
211Kb / 7P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL2F94-2S OSRAM-SPL2F94-2S Datasheet
211Kb / 7P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPLCG65 OSRAM-SPLCG65 Datasheet
180Kb / 7P
Rote Laser Diode in offener Bauform 0.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com