Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6250G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6250G
Description  High Speed CAN-Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6250G Datasheet HTML 9Page - Infineon Technologies AG TLE6250G Datasheet HTML 10Page - Infineon Technologies AG TLE6250G Datasheet HTML 11Page - Infineon Technologies AG TLE6250G Datasheet HTML 12Page - Infineon Technologies AG TLE6250G Datasheet HTML 13Page - Infineon Technologies AG TLE6250G Datasheet HTML 14Page - Infineon Technologies AG TLE6250G Datasheet HTML 15Page - Infineon Technologies AG TLE6250G Datasheet HTML 16Page - Infineon Technologies AG TLE6250G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
13
Rev. 4.1
2017-03-15
TLE6250
High Speed CAN-Transceiver
General product characteristics and electrical characteristics
4.4
Electrical characteristics TLE6250GV33 (3.3 V version)
Table 8
Electrical characteristics TLE6250GV33 (3.3 V version)
4.5 V < VCC < 5.5 V; (3.0 V < V33V < 5.5V for 3.3 V version); RL = 60 Ω; VINH < VINH,ON; -40°C < Tj < 150°C; all voltages
with respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Current consumption (3.3 V version)
Current consumption
ICC+33V
–
6
10
mA recessive state;
VTxD = V33V
Current consumption
ICC+33V
–
45
70
mA dominant state;
VTxD =0 V
Current consumption
I33V
––
2
mA –
Current consumption
ICC+33V,stb –
1
10
µA
stand-by mode;
TxD = “high”
Receiver output RxD
“high” output current
IRD,H
–-2
-1
mA VRD =0.8 × V33V;
Vdiff <0.4 V1)
“low” output current
IRD,L
12
–
mA VRD =0.2 × V33V;
Vdiff >1 V1)
Transmission input TxD
“high” input voltage threshold
VTD,H
–0.55 × V33V 0.7 × V33V V
recessive state
“low” input voltage threshold
VTD,L
0.3 × V33V 0.45 × V33V –V
dominant state
TxD pull-up resistance
RTD
10
25
50
kΩ
–
Inhibit Input (pin INH)
“high” input voltage threshold
VINH,H
–0.55 × V33V 0.7 × V33V Vstand-by mode
“low” input voltage threshold
VINH,L
0.3 × V33V 0.45 × V33V –V
normal mode
INH pull-up resistance
RINH
10
25
50
kΩ
–
Bus receiver
Differential receiver threshold
voltage, recessive to dominant
edge
Vdiff,d
–0.75
0.90
V
-20 V < (VCANH, VCANL)<25 V;
Vdiff = VCANH - VCANL
Differential receiver threshold
voltage, dominant to recessive
edge
Vdiff,r
0.50
0.60
–
V
-20 V < (VCANH, VCANL)<25 V;
Vdiff = VCANH - VCANL
Common Mode Range
CMR
-20
–
25
V
VCC =5V
Differential receiver hysteresis
Vdiff,hys
–
150
–
mV –
CANH, CANL input resistance
Ri
10
20
30
kΩ
recessive state
Differential input resistance
Rdiff
20
40
60
kΩ
recessive state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com