| Electronic Components Datasheet Search |
|
TLE8457 Datasheet(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8457 Datasheet(HTML) 13 Page - Infineon Technologies AG |
|
13 / 33 page ![]() Data Sheet 13 Rev. 1.0 2016-08-05 TLE8457 LIN Transceiver with integrated Voltage Regulator Functional Description 4.2.2 VSUndervoltage Detection Figure 9 VS early undervoltage detection The TLE8457 has an undervoltage detection on the supply pin VS with two different thresholds: • In Normal Operation Mode the TLE8457 blocks the communication between the LIN bus and the microcontroller when detecting an early undervoltage event. The RxD output will be set “high”. However, no mode change will occur. After VS rises above the undervoltage release level VS,UV,REL, the bus communication interface will be released when the signal on the TxD input goes “high”. See Figure 9. • In case the power supply VS drops below the power-on reset level VS,PON the TLE8457 not only blocks the transceiver communication, it also changes the operation mode to Init mode after recovery of VS, see Figure 10. In Init Mode the TLE8457 indicates a power-up event on the RxD pin. The power-on reset detection is active in all operation modes. Figure 10 VS undervoltage detection TLE8457_VS_EARLY_UNDERVOLTAGE_A Power-on reset level VS,PON Normal Operation mode Normal Operation mode Blanking time tblank,UV No communication possible Undervoltage release level VS,UV,ON Undervoltage hysteresis VS,UV,hys VS Undervoltage blocking level VS,UV,OFF t TLE8457_VS_UNDERVOLTAGE_A Power-down Normal Operation mode Init mode (EN = “low“) Normal Operation mode (EN = “high“) Undervoltage hysteresis VS,UV,hys No communication possible t Undervoltage blocking level VS,UV,OFF VS Power-on reset level VS,PON Blanking time tblank,UV Undervoltage release level VS,UV,ON |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |