Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8250 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8250
Description  High Speed CAN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8250 Datasheet HTML 6Page - Infineon Technologies AG TLE8250 Datasheet HTML 7Page - Infineon Technologies AG TLE8250 Datasheet HTML 8Page - Infineon Technologies AG TLE8250 Datasheet HTML 9Page - Infineon Technologies AG TLE8250 Datasheet HTML 10Page - Infineon Technologies AG TLE8250 Datasheet HTML 11Page - Infineon Technologies AG TLE8250 Datasheet HTML 12Page - Infineon Technologies AG TLE8250 Datasheet HTML 13Page - Infineon Technologies AG TLE8250 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Data Sheet
10
Rev. 1.0
2016-07-15
TLE8250
High Speed CAN Transceiver
Functional Description
4.3.1
Power-down State
Independent of the NEN and NRM input pins the is in power-down state when the transmitter supply voltage
VCC is turned off (see Figure 5).
In the power-down state the input resistors of the receiver are disconnected from the bus biasing VCC/2. The
CANH and CANL bus interface of the is floating and acts as a high-impedance input with a very small leakage
current. The high-ohmic input does not influence the recessive level of the CAN network and allows an
optimized EME performance of the entire HS CAN network (see also Table 2).
4.3.2
Power-up
The HS CAN transceiver powers up if the transmitter supply VCC is connected to the device. By default the
device powers up in power-save mode, due to the internal pull-up resistor on the NEN pin to VCC.
In case the device needs to power-up to normal-operating mode, the NEN pin needs to be pulled active to
logical “low” while the NRM pin is logical “high” (see Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com