Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGB666 Datasheet(PDF) 40 Page - Texas Instruments

Part # RGB666
Description  Display Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RGB666 Datasheet(HTML) 40 Page - Texas Instruments

Back Button RGB666 Datasheet HTML 36Page - Texas Instruments RGB666 Datasheet HTML 37Page - Texas Instruments RGB666 Datasheet HTML 38Page - Texas Instruments RGB666 Datasheet HTML 39Page - Texas Instruments RGB666 Datasheet HTML 40Page - Texas Instruments RGB666 Datasheet HTML 41Page - Texas Instruments RGB666 Datasheet HTML 42Page - Texas Instruments RGB666 Datasheet HTML 43Page - Texas Instruments RGB666 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Sub-LVDS-DMD
(Example DMD)
.23 qHD
960 x 540 Display
600-MHz sub-LVDS DDR (High Speed)
120-MHz SDR (Low Speed)
DMD_HS_WDATA_A_N
DMD_HS_WDATA_A_P
DMD_HS_WDATA_B_N
DMD_HS_WDATA_B_P
DMD_HS_WDATA_C_N
DMD_HS_WDATA_C_P
DMD_HS_WDATA_D_N
DMD_HS_WDATA_D_P
DMD_HS_CLK_N
DMD_HS_CLK_P
DMD_HS_WDATA_E_N
DMD_HS_WDATA_E_P
DMD_HS_WDATA_F_N
DMD_HS_WDATA_F_P
DMD_HS_WDATA_G_N
DMD_HS_WDATA_G_P
DMD_HS_WDATA_H_N
DMD_HS_WDATA_H_P
DMD_LS_CLK
DMD_LS_WDATA
DMD_OFN_ARSTZ
DMD_LS_RDATA
DLPC343x
ASIC
40
DLPC3432
DLPS108B – FEBRUARY 2018 – REVISED APRIL 2018
www.ti.com
Product Folder Links: DLPC3432
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 23. DLP230 (.23 qHD) DMD Interface Example (Mapping Option 1 Shown)
8.4.8 DLPC3432 System Design Consideration – Application Notes
For system power regulation, it is acceptable for VDD_PLLD and VDD_PLLM to be derived from the same regulator as
the core VDD, but to minimize the AC noise component they should be filtered as recommended in the PCB
Layout Guidelines for Internal ASIC PLL Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com