Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW-541C Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LW-541C
Description  colorless, clear 5 mm (T1쩐) package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-541C Datasheet(HTML) 4 Page - OSRAM GmbH

  LW-541C Datasheet HTML 1Page - OSRAM GmbH LW-541C Datasheet HTML 2Page - OSRAM GmbH LW-541C Datasheet HTML 3Page - OSRAM GmbH LW-541C Datasheet HTML 4Page - OSRAM GmbH LW-541C Datasheet HTML 5Page - OSRAM GmbH LW-541C Datasheet HTML 6Page - OSRAM GmbH LW-541C Datasheet HTML 7Page - OSRAM GmbH LW-541C Datasheet HTML 8Page - OSRAM GmbH LW-541C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2008-07-07
4
LW 541C
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Farbkoordinate x nach CIE 1931
6) Seite 14
Chromaticity coordinate x acc. to CIE 1931
6) page 14
I
F = 20 mA
x
0.32
–
Farbkoordinate y nach CIE 1931
6) Seite 14
Chromaticity coordinate y acc. to CIE 1931
6) page 14
I
F = 20 mA
y
0.31
–
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
Viewing angle at 50 %
I
V
2
ϕ
20
Grad
deg.
Durchlassspannung
7) Seite 14
(min.)
Forward voltage
7) page 14
(typ.)
I
F = 20 mA
(max.)
V
F
V
F
V
F
3.0
3.6
4.1
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
μA
μA
Temperaturkoeffizient von x
Temperature coefficient of x
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
X
–0.1
10
-3/K
Temperaturkoeffizient von y
Temperature coefficient of y
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
Y
–0.2
10
-3/K
Temperaturkoeffizient von
V
F
Temperature coefficient of
V
F )
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
V
–5.0
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 20 mA
η
opt
20
lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com