Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2625BGL Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2625BGL
Description  2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2625BGL Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2625BGL Datasheet HTML 13Page - Monolithic Power Systems MP2625BGL Datasheet HTML 14Page - Monolithic Power Systems MP2625BGL Datasheet HTML 15Page - Monolithic Power Systems MP2625BGL Datasheet HTML 16Page - Monolithic Power Systems MP2625BGL Datasheet HTML 17Page - Monolithic Power Systems MP2625BGL Datasheet HTML 18Page - Monolithic Power Systems MP2625BGL Datasheet HTML 19Page - Monolithic Power Systems MP2625BGL Datasheet HTML 20Page - Monolithic Power Systems MP2625BGL Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
MP2625B – SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2625B Rev. 1.01
www.MonolithicPower.com
17
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 1: Input Current Limit Setting
M0
M1
Mode
Low
Low
USB2.0 Mode
Low
High
USB3.0 Mode
High
Low
Programmable Mode
High/Float High/Float Default Mode
Input Voltage Limit Setting
The input voltage can be limited at a value set by
a resistor divider from IN pin to VLIM pin to
AGND according to the following expression
(Typical Application Circuit):
IN_LIM
R1+R2
V
=1.52
(V)
R2
When the voltage on VLIM pin drops and hits the
reference voltage 1.52V, the input voltage will be
clamped to the setting value.
Battery Charger
The MP2625B completes charge operation
consist of trickle charge, automatic charge
termination, charge status indication, timer
control, NTC indication, automatic recharge, and
thermal limiting.
When the PWM converter is out of soft start, the
battery charge cycle begins, the MP2625B first
determines if the battery is deeply discharged. If
the battery voltage is lower than the trick charge
threshold (typical 3.0V), the battery charger starts
in “trickle charge mode”. The trickle charge
current is limited to 10% of the programmed
charge current until the battery voltage reaches
3.0V. If the charge stays in the “trickle charging
mode” for longer than “trickle charge timer
period”, the “timer out” condition is triggered, the
charge is terminated and CHGOK
_____________
will start
blinking
to
indicate
that
the
battery
is
unresponsive. When the battery voltage is above
3.0V, the charger is operating at “constant
current mode.” The current delivered to the
battery will try to reach the value programmed by
the ISET pin. Depending on the available input
power and system load conditions,
the battery charger may or may not be able to
charge at the full programmed rate. The system
load is always satisfied first over the battery
charge current. If the system load requirement is
low, the battery can be charged at full constant
current.
When the battery voltage reaches the battery full
threshold, the charger enters the “constant
voltage mode” operation.
End of Charge (EOC) and Indication
In constant voltage charge mode, the battery
voltage is regulated at 4.2V (when SYSFB is float
or SYS is programmed higher than battery full
threshold) and the charge current decreases
naturally. Once the charge current hits the
battery full threshold IBF (1/10 programmed
charge current), the battery is fully charged and
charge cycle is terminated.
If the charge current drops below IBF because of
any limit condition, the MP2625B will come out of
CV mode, and the charge full detection is invalid.
A safe timer starts at the beginning of each new
charge cycle and it monitors if the whole charge
period is within the programmed time limit. After
each charge cycle, when the battery is indicated
as full, the timer counter will be reset. If the time
is expired while the charging is still on going, the
timer will force the MP2625B to terminate
charging CHGOK
_____________
is blinking to indicate the fault
condition.
If system voltage is programmed lower than 4.2V
by the resistor divider at the SYSFB pin, the
battery will be charged most close to VSYS until
the charge current reaches the IBF threshold.
Automatic Recharge
Once the battery charge cycle is completed, the
MP2625B turns off indicating the battery full
status. During this process, the battery power
may be consumed by the system load or self
discharge. If the input power is always on, to
ensure the battery not to be exhausted, the new
charge cycle will automatically begin when the
battery voltage falls below the auto-recharge
threshold VRCHG which is typically 4V when the
SYSFB is float, and 50mV lower if the SYSFB is
connected to a resistor divider. The timer will re-
start when the auto-recharge cycle begins.
During the charge off state when the battery is
fully charged, if the input power is recycled, or
the EN signal is refreshed, the charge cycle will
re-start and the timer will refresh even if the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com