Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2681BGS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2681BGS
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681BGS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2681BGS Datasheet HTML 10Page - Monolithic Power Systems MP2681BGS Datasheet HTML 11Page - Monolithic Power Systems MP2681BGS Datasheet HTML 12Page - Monolithic Power Systems MP2681BGS Datasheet HTML 13Page - Monolithic Power Systems MP2681BGS Datasheet HTML 14Page - Monolithic Power Systems MP2681BGS Datasheet HTML 15Page - Monolithic Power Systems MP2681BGS Datasheet HTML 16Page - Monolithic Power Systems MP2681BGS Datasheet HTML 17Page - Monolithic Power Systems MP2681BGS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP2681B – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681B Rev.1.0
www.MonolithicPower.com
14
12/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
VBATT
Pre-
Charge
Detection
Battery-Regulation
Voltage
CV Charge
Detection
0A
Red LED
OFF
Green
LED ON
LEDR
LEDG
I CHG
150mA
2-4A
10 % ICHG
Auto--
Recharge
Detection
Trickle Charge
CC Charge
CV Charge
0V
0V
Green
LED Flash
3.95V/cell
3.0V/cell
4.15V/cell
1.0V/cell
Figure 4. Typical Charge Profile
Charge Termination
The charge cycle is considered complete when
the charge current reaches the programmed
termination-current threshold (IBF). Please refer to
Figure 4 for a complete view of the charging
cycle and LED operation.
Automatic Re-Charge
The MP2681B allows the battery to be re-
charged automatically when the battery voltage
drops
below
the
auto-recharge
threshold
(3.95V/cell). The MP2681B re-sets the reference
voltage to the normal charging value and turns
on the CCON driver to re-start the charge cycle
until the IBF condition is met again.
LDO Output
The MP2681B implements a 5V LDO which
provides a pull-up voltage for the NTC, ID
resistor, and FLT detection. It supplies up to
20mA current. When VDD is higher than 5V, the
LDO output is regulated at 5V. If the VDD input
voltage is lower than 5V, the FET is fully on and
the LDO output is nearly equal to the input
voltage VDD.
Timer Operation
The MP2681B provides a safety timer in case of
a defective battery pack.
During pre-charge mode the charge timer is fixed
with a set capacity. During CC and CV charge
mode, the timer duration is proportional to the
charge rate. The timer will start counting every
time the charger process starts up (as in initial
power-up or automatic re-charge). The timer will
limit pre-charge time to T1 oscillating cycles on
TMR. If the charger stays in pre-charge mode for
longer than T1 cycles, the MP2681B terminates
the charging operation by disconnecting the
battery from the charger. The output voltage is
regulated to the default value. The timer-fault
indication is set by flashing LEDR and keeping
LEDG low. After a fault-reporting condition, the
charger can be re-initiated only by recycling the
power supply. The timer limit in the pre-charge
mode is fixed, and it will not change when the IC
is set to slow-charge or fast-charge mode via CR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com