Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6504GV Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6504GV
Description  8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6504GV Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6504GV Datasheet HTML 6Page - Monolithic Power Systems MP6504GV Datasheet HTML 7Page - Monolithic Power Systems MP6504GV Datasheet HTML 8Page - Monolithic Power Systems MP6504GV Datasheet HTML 9Page - Monolithic Power Systems MP6504GV Datasheet HTML 10Page - Monolithic Power Systems MP6504GV Datasheet HTML 11Page - Monolithic Power Systems MP6504GV Datasheet HTML 12Page - Monolithic Power Systems MP6504GV Datasheet HTML 13Page - Monolithic Power Systems MP6504GV Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP6504
– 32V, 2A, MICROSTEPPING MOTOR DRIVER W/ INTEGRATED MOSFETS
MP6504 Rev. 1.0
www.MonolithicPower.com
10
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP6504 is a bipolar stepper motor driver
that
integrates
eight
N-channel
power
MOSFETs arranged as two full bridges with
translator logic to drive a bipolar stepper motor.
The MP6504 can supply up to 2A of current
over a wide 8V to 32V input voltage range. The
MP6504 is designed to operate stepper motors
in full-, half-, quarter-, and eighth-step modes.
The current in each of the two output bridges is
regulated with programmable, constant-off-time
pulse-width modulation (PWM) control circuitry.
At each step, the current for each full bridge is
set by the value of its external current sense
resistor, a reference voltage (VREF), and the
output voltage of its DAC, which is controlled by
the output of the translator.
Stepping
The motor is moved step-by-step by applying a
series of pulses to the STEP input. A rising
edge on STEP sequences the translator one
increment in the direction set by the level of the
DIR input. The translator controls the input to
the DACs and the direction of the current flow in
each winding. The amplitude of the step is
determined by the state of the inputs MS1 and
MS2 (see Table 2).
Figure
2
and
Table
1
show
the
timing
requirements of the STEP, DIR, MS1, and MS2
inputs.
STEP
MSx, DIR
tA
tB
tC
tD
Figure 2: Input Logic Timing
Table 1: Input Logic Timing
Time Duration
Symbol
Typ.
Unit
Step minimum high
pulse width
tA
1
µs
Step minimum
low
pulse width
tB
1
µs
Set-up
time,
input
change to STEP
tC
200
ns
Hold
time,
input
change to STEP
tD
200
ns
The motor winding currents are regulated by a
programmable, constant-off-time, PWM, current
control circuit, which operates as follows:
1. Initially, a diagonal pair of MOSFETs turns
on so current flows through the motor
winding.
2. The current increases in the motor winding,
which is sensed by an external sense
resistor (RSENSE). During the initial blanking
time (tBLANK), the high-side MOSFET always
turns on regardless of current limit detection.
3. When the voltage across RSENSE reaches
the current regulation threshold, the internal
current comparator either shuts off the high-
side MOSFET so the winding inductance
current freewheels through the two low-side
MOSFETs (slow decay), or turns on the
opposite diagonal pair of MOSFETs so the
current flows back to the input (fast decay).
4. The current continues decreasing for the
constant off-time.
5. The cycle repeats.
The constant off-time (toff) is determined by the
selection of an external resistor (Rt). The off
time
for
a
given
resistance
can
be
approximated with Equation (1):
OFF
t
t
(ns)
190 R (k )
(1)
The full-scale (100%) current limit threshold can
be calculated with Equation (2):
REF
Max LIMIT
SENSE
V
I
5R
(2)
The DAC output reduces the VREF output to the
current sense comparator in precise steps. The
current at any given step (ITrip-LIMIT) can be
calculated with Equation (3):
Trip LIMIT
Trip LIMIT Max LIMIT
I
%I
I
(3)
See Table 3 for %ITrip-LIMIT at each step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com