Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2120 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP2120
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2120 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP2120 Datasheet HTML 2Page - Renesas Technology Corp HIP2120 Datasheet HTML 3Page - Renesas Technology Corp HIP2120 Datasheet HTML 4Page - Renesas Technology Corp HIP2120 Datasheet HTML 5Page - Renesas Technology Corp HIP2120 Datasheet HTML 6Page - Renesas Technology Corp HIP2120 Datasheet HTML 7Page - Renesas Technology Corp HIP2120 Datasheet HTML 8Page - Renesas Technology Corp HIP2120 Datasheet HTML 9Page - Renesas Technology Corp HIP2120 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HIP2120, HIP2121
FN7668 Rev 0.00
Page 6 of 16
December 23, 2011
Input Voltage Hysteresis
VIHYS
HIP2120 (CMOS)
-
2.2
-
--
V
Input Pull-down Resistance
RI
-210
-
100
500
k
UNDERVOLTAGE PROTECTION
VDD Rising Threshold
VDDR
6.8
7.3
7.8
6.5
8.1
V
VDD Threshold Hysteresis
VDDH
-0.6
-
--
V
HB Rising Threshold
VHBR
6.2
6.9
7.5
5.9
7.8
V
HB Threshold Hysteresis
VHBH
-0.6
-
--
V
BOOTSTRAP DIODE
Low Current Forward Voltage
VDL
IVDD-HB = 100mA
-
0.6
0.7
-0.8
V
High Current Forward Voltage
VDH
IVDD-HB = 100mA
-
0.7
0.9
-1
V
Dynamic Resistance
RD
IVDD-HB = 100mA
-
0.8
1
-1.5
LO GATE DRIVER
Low Level Output Voltage
VOLL
ILO = 100mA
-
0.25
0.4
-0.5
V
High Level Output Voltage
VOHL
ILO = -100mA, VOHL = VDD - VLO
-
0.25
0.4
-0.5
V
Peak Pull-Up Current
IOHL
VLO = 0V
-
2
-
--
A
Peak Pull-Down Current
IOLL
VLO = 12V
-
2
-
--
A
HO GATE DRIVER
Low Level Output Voltage
VOLH
IHO = 100mA
-
0.25
0.4
-0.5
V
High Level Output Voltage
VOHH
IHO = -100mA, VOHH = VHB - VHO
-
0.25
0.4
-0.5
V
Peak Pull-Up Current
IOHH
VHO = 0V
-
2
-
--
A
Peak Pull-Down Current
IOLH
VHO = 12V
-
2
-
--
A
Electrical Specifications VDD = VHB = 12V, VSS = VHS = 0V, RDT = 0K, PWM = 0V, No Load on LO or HO, Unless Otherwise Specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TA = +25°C
TA = -40°C to +125°C
UNITS
MIN
TYP
MAX MIN (Note 9) MAX (Note 9)
Switching Specifications VDD = VHB = 12V, VSS = VHS = 0V, RDT = 0k, No Load on LO or HO, Unless Otherwise Specified. Boldface
limits apply over the operating temperature range, -40°C to +125°C.
PARAMETERS
SYMBOL
TEST
CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNITS
MIN
TYPE
MAX
MIN
(Note 9)
MAX
(Note 9)
HO Turn-Off Propagation Delay
PWM Falling to HO Falling
tPLHO
-32
50
-
60
ns
LO Turn-Off Propagation Delay
PWM Rising to LO Falling
tPLLO
-32
50
-
60
ns
Minimum Dead-Time Delay (see Note 10)
HO Falling to LO Rising
tDTHLmin
RDT = 80k,
PWM 1 to 0
15
35
50
10
60
ns
Minimum Dead-Time Delay (see Note 10)
LO Falling to HO Rising
tDTLHmin
RDT = 80k
PWM 0 to 1
15
25
50
10
60
ns
Maximum Dead-Time Delay (see Note 10)
HO Falling to LO Rising
tDTHLmax
RDT = 8k,
PWM 1 to 0
150
220
300
--
ns
Maximum Dead-Time Delay (see Note 10)
LO Falling to HO Rising
tDTLHmax
RDT = 8k,
PWM 0 to 1
150
220
300
--
ns
Either Output Rise/Fall Time
(10% to 90%/90% to 10%)
tRC,tFC
CL = 1nF
-
10
-
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com