Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C3302 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3302
Description  Single Bit Bus Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3302 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3302 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3302 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3302 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PS8329F
01/12/01
Product Description
Pericom Semiconductor’s PI5C series of logic circuits are produced
using the Company’s advanced submicron CMOS technology,
achieving industry leading speed grades.
The PI5C3302 is a single digital switch designed with an individual
5-ohm bus switch with a fast enable. When enabled via the associated
Bus Enable (BE) pin, the “A” pin is directly connected to the “B” pin.
The bus switch introduces no additional propagation delay or
additional ground bounce noise.
The PI5C3302 device has an active LOW enable.
Product Features
·
Near zero propagation delay
·
5-Ohm switches connect inputs to outputs
·
Direct bus connection when switches are ON
·
Ultra-Low Quiescent Power (0.2µA Typical)
– Ideally suited for notebook applications
·
Packages available:
– 5-pin plastic S0T23 (T)
– 5-pin plastic SC70 (C)
PI5C3302 Logic Block Diagram
ProductPinConfiguration
Product Pin Description
Pin Name
Description
BE
Switch Enable
A
Bus A
B
Bus B
VCC
Power
GND
Ground
Truth Table(1)
Notes:
1. H = High Voltage Level, L = Low Voltage Level
Hi-Z = High Impedance, X = Don’t Care
* A pull-up resistor should be provided for power-up protection
PI5C3302
Single Bit Bus Switch
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
1
2
3
5
4
Vcc
B
BE
A
GND
5-Pin
C, T
E
BA
B
V C
C
n
o
i
t
c
n
u
F
*
XZ
-
i
HZ
-
i
HD
N
Gt
c
e
n
n
o
c
s
i
D
HZ
-
i
HZ
-
i
HV C
C
t
c
e
n
n
o
c
s
i
D
LB
A
V C
C
t
c
e
n
n
o
C


Similar Part No. - PI5C3302

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3301 PERICOM-PI5C3301 Datasheet
47Kb / 3P
Single Bit Bus Switch
PI5C3301 PERICOM-PI5C3301 Datasheet
394Kb / 5P
SOTinyTM Single-Bit Bus Switch
PI5C3301CX PERICOM-PI5C3301CX Datasheet
47Kb / 3P
Single Bit Bus Switch
PI5C3301TEX PERICOM-PI5C3301TEX Datasheet
394Kb / 5P
SOTinyTM Single-Bit Bus Switch
PI5C3301TX PERICOM-PI5C3301TX Datasheet
47Kb / 3P
Single Bit Bus Switch
More results

Similar Description - PI5C3302

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
Single Bus Switch
logo
Pericom Semiconductor C...
PI5C3301 PERICOM-PI5C3301 Datasheet
47Kb / 3P
Single Bit Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 NXP-74CBTLV1G125 Datasheet
149Kb / 18P
Single bus switch
Rev. 01-23 February 2007
logo
Pericom Semiconductor C...
PI5C3301TEX PERICOM-PI5C3301TEX Datasheet
394Kb / 5P
SOTinyTM Single-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
Single bus switch
Rev. 4-5 September 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com