Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN14637 Datasheet(PDF) 8 Page - Ledil, Inc.

Part # FN14637
Description  ~20째 spot beam
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14637 Datasheet(HTML) 8 Page - Ledil, Inc.

Back Button FN14637_18 Datasheet HTML 4Page - Ledil, Inc. FN14637_18 Datasheet HTML 5Page - Ledil, Inc. FN14637_18 Datasheet HTML 6Page - Ledil, Inc. FN14637_18 Datasheet HTML 7Page - Ledil, Inc. FN14637_18 Datasheet HTML 8Page - Ledil, Inc. FN14637_18 Datasheet HTML 9Page - Ledil, Inc. FN14637_18 Datasheet HTML 10Page - Ledil, Inc. FN14637_18 Datasheet HTML 11Page - Ledil, Inc. FN14637_18 Datasheet HTML 12Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PRODUCT
DATASHEET
FN14637_OLIVIA-S
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON CoB 1204/1205
FWHM
23.0°
Efficiency
76 %
Peak intensity
2.800 cd/lm
Required components:
A.A.G. STUCCHI: 8301/G2
LED
LUXEON CoB 1204/1205
FWHM
26.0°
Efficiency
77 %
Peak intensity
3.100 cd/lm
Required components:
Bender Wirth: 432 Typ Z1
LED
LUXEON CoB 1208
FWHM
29.0°
Efficiency
77 %
Peak intensity
2.400 cd/lm
Required components:
Bender Wirth: 432 Typ Z1
LED
LUXEON CoB 1211
FWHM
32.0°
Efficiency
73 %
Peak intensity
1.480 cd/lm
Required components:
BJB: 47.319.2030
Last update: 08/06/2018
Subject to change without prior notice
8/15
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com