Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6503EVAL1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6503EVAL1
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6503EVAL1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6503EVAL1 Datasheet HTML 1Page - Renesas Technology Corp HIP6503EVAL1 Datasheet HTML 2Page - Renesas Technology Corp HIP6503EVAL1 Datasheet HTML 3Page - Renesas Technology Corp HIP6503EVAL1 Datasheet HTML 4Page - Renesas Technology Corp HIP6503EVAL1 Datasheet HTML 5Page - Renesas Technology Corp HIP6503EVAL1 Datasheet HTML 6Page - Renesas Technology Corp HIP6503EVAL1 Datasheet HTML 7Page - Renesas Technology Corp HIP6503EVAL1 Datasheet HTML 8Page - Renesas Technology Corp HIP6503EVAL1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HIP6503
FN4882 Rev 5.00
Page 4 of 14
July 21, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage, V5VSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
12V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +14.5V
DLA, DRV2 . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to V12V +0.3V
All Other Pins . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to 5VSB + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 3
Recommended Operating Conditions
Supply Voltage, V5VSB . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V 5%
Lowest 5VSB Supply Voltage Guaranteeing Parameters . . . . +4.5V
Digital Inputs, VSX, VEN5VDL. . . . . . . . . . . . . . . . . . . . . . .0 to +5.5V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . . . 0°C to 125°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . . . . . . . . . . . .
60
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted Refer to Figures 1, 2 and 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
I5VSB
-30
-
mA
Shutdown Supply Current
I5VSB(OFF) VSS = 0.8V
-
14
-
mA
POWER-ON RESET, SOFT-START, AND VOLTAGE MONITORS
Rising 5VSB POR Threshold
--
4.5V
5VSB POR Hysteresis
-1.0
-
V
Rising 12V Threshold
-
-
10.8
V
12V Hysteresis
-1.0
-
V
Rising 3V3 and 5V Thresholds
-90
-
%
3V3 and 5V Hysteresis
-5
-
%
Falling Threshold Timeout (All Monitors)
-10
-
s
Soft-Start Current
ISS
-10
-
A
Shutdown Voltage Threshold
VSD
--
0.8V
1.8VSB LINEAR REGULATOR (VOUT1)
Regulation
--
2.0
%
1V8SB Nominal Voltage Level
V1V8SB
-1.8
-
V
1V8SB Undervoltage Rising Threshold
-
1.494
-
V
1V8SB Undervoltage Hysteresis
-54
-
mV
1V8SB Output Current
I1V8SB
1V8IN = 3.3V
250
300
-
mA
2.5/3.3VMEM LINEAR REGULATOR (VOUT2)
Regulation (Note 2)
--
2.0
%
VSEN2 Nominal Voltage Level
VVSEN2
RSEL = 1k
-2.5
-
V
VSEN2 Nominal Voltage Level
VVSEN2
RSEL = 10k
-3.3
-
V
VSEN2 Undervoltage Rising Threshold
-83
-
%
VSEN2 Undervoltage Hysteresis (Note 3)
-
3
-
%
VSEN2 Output Current
IVSEN2
5VSB = 5V
250
300
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com