Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660CBA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICL7660CBA
Description  CMOS Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660CBA Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICL7660CBA Datasheet HTML 1Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 2Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 3Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 4Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 5Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 6Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 7Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 8Page - Renesas Technology Corp ICL7660CBA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ICL7660, ICL7660A
FN3072 Rev.7.00
Page 3 of 11
Oct 5, 2010
C
Absolute Maximum Ratings
Thermal Information
Supply Voltage
ICL7660 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10.5V
ICL7660A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +13.0V
LV and OSC Input Voltage . . . . . . -0.3V to (V+ +0.3V) for V+ < 5.5V
(Note 2) . . . . . . . . . . . . . . (V+ -5.5V) to (V+ +0.3V) for V+ > 5.5V
Current into LV (Note 2) . . . . . . . . . . . . . . . . . . . 20
A for V+ > 3.5V
Output Short Duration (VSUPPLY 5.5V) . . . . . . . . . . . .Continuous
Operating Conditions
Temperature Range
ICL7660C, ICL7660AC. . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
ICL7660AI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 1)
JA (°C/W) JC (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . .
110
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
160
N/A
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering, 10s). . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
ICL7660 and ICL7660A, V+ = 5V, TA = 25°C, COSC = 0, Test Circuit Figure 11
Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
ICL7660
ICL7660A
UNITS
MIN
TYP MAX
MIN
TYP MAX
Supply Current
I+
RL =
-
170
500
-
80
165
A
Supply Voltage Range - Lo
VL+MIN  TA  MAX, RL = 10k, LV to GND
1.5
-
3.5
1.5
-
3.5
V
Supply Voltage Range - Hi
VH+MIN  TA  MAX, RL = 10k, LV to Open
3.0
-
10.0
3
-
12
V
Output Source Resistance
ROUT
IOUT = 20mA, TA = 25°C
-
55
100
-
60
100
IOUT = 20mA, 0°C  TA  70°C
-
-
120
-
-
120
IOUT = 20mA, -55°C  TA  125°C
-
-
150
-
-
-
IOUT = 20mA, -40°C  TA  85°C
-
-
-
-
-
120
V+ = 2V, IOUT = 3mA, LV to GND
0°C
 TA  70°C
-
-
300
-
-
300
V+ = 2V, IOUT = 3mA, LV to GND,
-55°C
 TA  125°C
-
-
400
-
-
-
Oscillator Frequency
fOSC
-10
-
-
10-
kHz
Power Efficiency
PEF
RL = 5k
95
98
-
96
98
-
%
Voltage Conversion Efficiency
VOUT EF RL =
97
99.9
-
99
99.9
-
%
Oscillator Impedance
ZOSC
V+ = 2V
-
1.0
-
-
1
-
M
V = 5V
-
100
-
-
-
-
k
ICL7660A, V+ = 3V, TA = 25°C, OSC = Free running, Test Circuit Figure 11, Unless Otherwise Specified
Supply Current (Note 3)
I+
V+ = 3V, RL = , 25°C
-
-
-
-
26
100
A
0°C < TA < 70°C
-
-
-
-
-
125
A
-40°C < TA < 85°C
-
-
-
-
-
125
A
Output Source Resistance
ROUT
V+ = 3V, IOUT = 10mA
-
-
-
-
97
150
0°C < TA < 70°C
-
-
-
-
-
200
-40°C < TA < 85°C
-
-
-
-
-
200
Oscillator Frequency (Note 3)
fOSC
V+ = 3V (same as 5V conditions)
-
-
-
5.0
8
-
kHz
0°C < TA < 70°C
--
-
3.0
--
kHz
-40°C < TA < 85°C
-
-
-
3.0
-
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com