Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB1002PFCDC Datasheet(PDF) 1 Page - Vicor Corporation

Part # PB1002PFCDC
Description  Power Supply Dual Input: AC and DC 1 or 2 Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PB1002PFCDC Datasheet(HTML) 1 Page - Vicor Corporation

  PB1002PFCDC Datasheet HTML 1Page - Vicor Corporation PB1002PFCDC Datasheet HTML 2Page - Vicor Corporation PB1002PFCDC Datasheet HTML 3Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Northwest Power, Inc.
(503)-652-6161
www.npi-inc.com
Document No. 7294 Rev C
Print Date: 2014-05-19
Page 1 of 3
PB1002PFCDC
Northwest Power, Inc.
Data Sheet
Power Bank PB1002PFCDC
Power Supply
Dual Input: AC and DC
1 or 2 Outputs
Low-Profile 1.68"
All specifications are at nominal input, full load, 25°C, all models, unless otherwise noted.
DC Input
Nominal Input Voltage Options
24V
28V
48V
Input Voltage Range
18-36V
10-36V
36-75V
Output Power
Based on specific module used
AC Input
Input Voltage (nominal)
115/230Vac
Input Voltage Range
90-264Vac
Input Frequency
47-63 Hz
Inrush Current (cold start.)
<20 A at 115Vac, <40A at 230Vac
Input Fuse (internal)
20A
Power Factor (minimum)
0.95
Input Harmonics
EN 61000-3-2 Compliant
Line dropout
SEMI F47 Compliant when operated at 180-264Vac
Output Power
850W max – Outputs A and B combined. See derating curve.
Output *
A
B
Maximum Output Current (Connector Limit)
49A
49A
Output Voltage (Factory configurable)
1.8 to 52 V
1.8 to 52 V
Module Size Options (AC side)
Maxi or Mini
Mini
Module Size Options (DC side)
Maxi or Mini
Maxi or Mini
Output Voltage Set point (50% load)
±1.2%
±1.2%
Load Regulation, No load to full load (max.)
±0.2%
±0.2%
Line Regulation, Low Line to High Line (max.)
±0.2%
±0.2%
Maximum Output Power
DC Input 48Vin; Output 12V
500W
500W
Remote Sense
Yes
Yes
Output Trim
±10%
±10%
Output Ripple and Noise
Vicor module specification
Vicor module specification
(*) Outputs A and B can be connected in parallel (with current sharing) or in series.
Environmental
Operating Temperature Range
-20°C to 70°C
Storage Temperature Range
-40°C to 70°C
Relative Humidity
5% -95% non-condensing
Mechanical
Dimensions
10.5" x 7" x 1.68"
Cooling
Internal Fans
Outline Drawing
Available on www.npi-inc.com
Weight (Typical, depends on configuration)
6.6 lb. (3 kg)


Similar Part No. - PB1002PFCDC

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1002 WTE-PB1002 Datasheet
32Kb / 3P
10A BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1002 DIOTEC-PB1002 Datasheet
309Kb / 2P
Silicon-Bridge Rectifiers
PB1002 DIOTEC-PB1002 Datasheet
289Kb / 2P
Silicon-Bridge-Rectifiers
logo
Won-Top Electronics
PB1002 WTE-PB1002 Datasheet
60Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1002 DIOTEC-PB1002 Datasheet
125Kb / 2P
Silicon-Bridge-Rectifiers Silizium-Br-kengleichrichter
More results

Similar Description - PB1002PFCDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT48512 ETC1-LT48512 Datasheet
192Kb / 2P
2:1 or 4:1 Wide input, Triple Outputs
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MKW1000 TOTAL-POWER-MKW1000 Datasheet
263Kb / 8P
10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Wall Industries,Inc.
LANEW WALL-LANEW Datasheet
189Kb / 4P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
PSAPC WALL-PSAPC Datasheet
171Kb / 3P
5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSATC WALL-PSATC Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
logo
Vicor Corporation
PB3606PFC VICOR-PB3606PFC Datasheet
297Kb / 3P
AC/DC Power Supply 1phase or 3phase AC input 6 Main Outputs, 3,600W
logo
Nexperia B.V. All right...
74AXP1T32 NEXPERIA-74AXP1T32 Datasheet
225Kb / 14P
Dual supply 2-input OR gate
logo
TDK Electronics
CME100A-24 TDK-CME100A-24 Datasheet
232Kb / 2P
AC input power supply (AC-DC converter)
October 04, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com