Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FARM1C21 Datasheet(PDF) 5 Page - Vicor Corporation

Part # FARM1C21
Description  Filter/Autoranging Rectifier Module Up to 1000 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM1C21 Datasheet(HTML) 5 Page - Vicor Corporation

  FARM1C21 Datasheet HTML 1Page - Vicor Corporation FARM1C21 Datasheet HTML 2Page - Vicor Corporation FARM1C21 Datasheet HTML 3Page - Vicor Corporation FARM1C21 Datasheet HTML 4Page - Vicor Corporation FARM1C21 Datasheet HTML 5Page - Vicor Corporation FARM1C21 Datasheet HTML 6Page - Vicor Corporation FARM1C21 Datasheet HTML 7Page - Vicor Corporation FARM1C21 Datasheet HTML 8Page - Vicor Corporation FARM1C21 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FARM™
Rev 6.9
vicorpower.com
Page 5 of 11
06/2017
800 927.9474
FARMxxxx
Application Note
The Filtered, Autoranging Rectifier Module (FARM) provides an
effective solution for the AC frontend of a power supply built
with Vicor DC-DC converters. This high-performance power
system building block satisfies a broad spectrum of requirements
and agency standards.
In addition to providing transient/surge immunity and EMI
filtering, the FARM contains all of the power switching and
control circuitry necessary for autoranging rectification, inrush
current limiting, and overvoltage protection. This module also
provides converter enable and status functions for orderly power
up/down control or sequencing. To complete the AC front-end
configuration, the user only needs to add hold-up capacitors, and
a few discrete components.
Functional Description
Initial Conditions: The switch that bypasses the inrush
limiting PTC (positive temperature coefficient) thermistor is
open when power is applied, as is the switch that engages
the strap for voltage doubling. (See Figure 7). In addition, the
converter modules are disabled via the Enable (EN) line, and
BusOK (BOK) is high.
Power Up Sequence (See Figure 8):
1.1. Upon application of input power, the output bus capacitors
begin to charge. The thermistor limits the charge current, and
the exponential time constant is determined by the hold-up
capacitor value and the thermistor cold resistance. The slope
(dV/dt) of the capacitor voltage versus time approaches zero
as the capacitors become charged to the peak of the
AC line voltage.
2.1. If the bus voltage is greater than 200V, the doubler is
not activated.
3.1. If the bus voltage is greater than 235V as the slope
approaches zero, the inrush limiting thermistor is bypassed.
Below 235V, it is not bypassed.
4.1. The converters are enabled ~150 milliseconds
after the thermistor bypass switch is closed.
5.1. Bus-OK is asserted after an additional ~150 millisecond delay
to allow the converter outputs to settle within specification.
Power Down Sequence: (See Figure 8). When input power
is turned off or fails, the following sequence occurs as the bus
voltage decays:
1.2. Bus-OK is de-asserted when the bus voltage falls below
205VDC (Typical).
2.2. The converters are disabled when the bus voltage
falls below 190VDC. If power is reapplied after the converters
are disabled, the entire power-up sequence is repeated.
If a momentary power interruption occurs and power is
re-established before the bus reaches the disable threshold,
the power up sequence is not repeated, i.e., the power
conversion system “rides through” the
momentary interruption.
Microcontroller
N
L
PTC
Thermistor
+OUT
–OUT
Strap
EN
BOK
Strap
EMI
Filter
EMI GRD
400
300
200
100
0
90 – 132V
AC Line
Output
Bus
(VDC)
Strap
PTC
Thermistor
Bypass
Converter
Enable
Bus OK
~150ms
Power
Up
Power
Down
Timing Diagram, Power Up/Down Sequence
4.1
1.1
2.1
3.1
5.1
2.2
1.2
~150ms
Figure 7 — Functional block diagram: autoranging rectifier
Figure 8 — Timing diagram: power up/down sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com