Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7211AMlPL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICM7211AMlPL
Description  4-Digit, LCD Display Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICM7211AMlPL Datasheet(HTML) 7 Page - Renesas Technology Corp

  ICM7211AMlPL Datasheet HTML 1Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 2Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 3Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 4Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 5Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 6Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 7Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 8Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ICM7211AM
FN3158 Rev 8.00
Page 7 of 9
October 22, 2015
The ICM7211AM is intended to accept data from a data bus
under processor control.
In these devices, the four data input bits and the two-bit digit
address (DA1 pin 31, DA2 pin 32) are written into input
buffer latches when both chip select inputs (CS1 pin 33, CS2
pin 34) are taken low. On the rising edge of either chip select
input, the content of the data input latches is decoded and
stored in the output latches of the digit selected by the
contents of the digit address latches.
An address of 00 writes into D4, DA2 = 0, DA1 = 1 writes into
D3, DA2 = 1, DA1 = 0 writes into D2, and 11 writes into D1.
The timing relationships for inputting data are shown in
Figure 1, and the chip select pulse widths and data setup and
hold times are specified under Operating Characteristics.
11
00
11
01
11
10
11
11
BLANK
TABLE 1. OUTPUT CODES (Continued)
BlNARY
CODE B
ICM7211AM
B3
B2
B1
BO
a
b
c
d
f
g
e
FIGURE 5. SEGMENT ASSIGNMENT
Test Circuit
FIGURE 6.
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
DIGIT/CHIP
ICM7211AM
DATA
INPUTS
SELECT
INPUTS
VSS
OSC
VDD
BP
VDD
VDD
VSS
MICROPROCESSOR
VERSION
MULTIPLEXED
VERSION
EACH SEGMENT
OUTPUT TO
BACKPLANE
WITH A 200pF
CAPACITOR
+
-
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com