Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSS9012G Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSS9012G
Description  20 V PNP general purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS9012G Datasheet(HTML) 4 Page - NXP Semiconductors

  PSS9012G Datasheet HTML 1Page - NXP Semiconductors PSS9012G Datasheet HTML 2Page - NXP Semiconductors PSS9012G Datasheet HTML 3Page - NXP Semiconductors PSS9012G Datasheet HTML 4Page - NXP Semiconductors PSS9012G Datasheet HTML 5Page - NXP Semiconductors PSS9012G Datasheet HTML 6Page - NXP Semiconductors PSS9012G Datasheet HTML 7Page - NXP Semiconductors PSS9012G Datasheet HTML 8Page - NXP Semiconductors PSS9012G Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2004 Aug 10
4
Philips Semiconductors
Product specification
20 V PNP general purpose transistors
PSS9012 series
handbook, halfpage
10
102
103
MLE084
−1
−10
−102
−103
IC (mA)
fT
(MHz)
Fig.2
Transition frequency as a function of
collector current; typical values.
VCE = −6V.
handbook, halfpage
0
(1)
(3)
(4)
(5)
(6)
IC
(mA)
VCE (V)
−30
−20
−10
0
−4
−20
−8
−12
−16
MLE085
(7)
(2)
Fig.3
Collector current as a function of
collector-emitter voltage; typical values.
(1) IB = −140 µA.
(2) IB = −120 µA.
(3) IB = −100 µA.
(4) IB = −80 µA.
(5) IB = −60 µA.
(6) IB = −40 µA.
(7) IB = −20 µA.
Tamb =25 °C.
handbook, halfpage
0
200
300
100
MLE082
−10−1
−1
−10
IC (mA)
hFE
−102
−103
(1)
(2)
(3)
Fig.4
DC current gain as a function of collector
current; typical values.
VCE = −1V.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
200
300
100
MLE083
−10−1
−1
−10
IC (mA)
hFE
−102
−103
(1)
(2)
(3)
Fig.5
DC current gain as a function of collector
current; typical values.
VCE = −2V.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com