Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBDC19-KA-D Datasheet(PDF) 1 Page - Mini-Circuits

Part # EBDC19-KA-D
Description  Bi-Directional Coupler Die
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EBDC19-KA-D Datasheet(HTML) 1 Page - Mini-Circuits

  EBDC19-KA-D Datasheet HTML 1Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 2Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 3Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 4Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Bi-Directional Coupler Die EBDC19-KA-D+
50Ω
5 to 43.5 GHz
MMIC
The Big Deal
• Ultra-Wide Bandwidth, 5-43.5 GHz
• Excellent Coupling Flatness ±0.6 dB typ over 20-40 GHz
Product Overview
Mini-Circuits’ EBDC19-KA-D+ is a Bi-Directional Coupler die designed for wideband operation from 5 to
43.5 GHz with a nominal coupling of 18.7 dB over 20-40 GHz. Manufactured using GaAs IPD technology,
it has excellent repeatability and excellent reliability.
Feature
Advantages
Wideband, 5 to 43.5 GHz
A single Directional Coupler can be used in many applications, saving component
count. Also ideal for applications such as 5G, military and instrumentation.
DC Passing up to 1.3A
DC current passing is helpful in applications where both RF & DC need to pass through
the DUT, such as antenna mounted hardware.
Unpackaged die
Enables user to integrate it directly into hybrids.
Key Features


Similar Part No. - EBDC19-KA-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EBDCD23 ETC2-EBDCD23 Datasheet
61Kb / 2P
Timers Interval
More results

Similar Description - EBDC19-KA-D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BDCA-15-25 MINI-BDCA-15-25 Datasheet
117Kb / 1P
Bi-Directional Coupler
BDCN-14-22 MINI-BDCN-14-22 Datasheet
295Kb / 1P
Bi-Directional Coupler
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
Bi-Directional Coupler
SCBD-25-122HP MINI-SCBD-25-122HP Datasheet
392Kb / 3P
Bi-Directional Coupler
EDC21-24-D MINI-EDC21-24-D Datasheet
238Kb / 5P
Directional Coupler Die
MBDC-13-63HP MINI-MBDC-13-63HP Datasheet
338Kb / 3P
Bi-Directional Coupler
SYBD-22-172HP MINI-SYBD-22-172HP Datasheet
288Kb / 1P
Bi-Directional Coupler
SYBD-23-13HP MINI-SYBD-23-13HP Datasheet
296Kb / 1P
Bi-Directional Coupler
SYBD-26-13HP MINI-SYBD-26-13HP Datasheet
288Kb / 1P
Bi-Directional Coupler
ZABDC10-25HP MINI-ZABDC10-25HP Datasheet
208Kb / 1P
Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com