Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6200C Datasheet(PDF) 24 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 24 Page - ams AG

Back Button AS6200C Datasheet HTML 20Page - ams AG AS6200C Datasheet HTML 21Page - ams AG AS6200C Datasheet HTML 22Page - ams AG AS6200C Datasheet HTML 23Page - ams AG AS6200C Datasheet HTML 24Page - ams AG AS6200C Datasheet HTML 25Page - ams AG AS6200C Datasheet HTML 26Page - ams AG AS6200C Datasheet HTML 27Page - ams AG AS6200C Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Document Feedback
AS6200C
Register Description
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 24
transfer consists of the transmission of the slave address with a write operation indication, followed by
the transmission of the register address and is finalized with the actual register content data transfer.
This implies that every write operation to the temperature sensor device requires a value for the index
register prior to the transmission of the actual register data.
The index register defines the register address for both the write and read operation. Consequently, if
a read operation is executed, the register address is taken from the index register which was defined
from the last write operation.
If a different register needs to be read, the index register has to be written in advance to define the
new register address. This is accomplished by transmitting the slave address with a low R/W bit,
followed by the new content of the index register. Subsequently, the master provokes a START
condition on the bus and transmits the slave address with a high R/W bit in order to initiate a read
operation.
Since the index register always keeps its last value, reads can be executed repetitively on the same
register.
Similarly to the byte transfer where the MSB is transmitted first, the transfer of a 16-bit word is
executed by a two byte transfer whereas the MSB byte is always trans-mitted first.
6.3.5
Slave Operation
The device employs a slave functionality only (slave transmitter and slave receiver) and cannot be
operated as a bus master. Consequently, the device never actively drives the SCL line.
6.3.6
Slave Receiver Mode
Any transmission is invoked by the master device by transmitting the slave address with a low R/W bit.
Subsequently, the slave device acknowledges the reception of the valid address by pulling the ninth
bit to a low level. Following to acknowledge, the master transmits the content of the index register.
This transfer is again acknowledged by the slave device. The next data byte(s) are written to the
actual data register which is selected by the index register while each transfer is acknowledged upon a
completed transfer by the slave device. A data transfer can be finished if the master transmits a
START or a STOP condition on the bus.
6.3.7
Slave Transmitter
The master transmits the slave address with a high R/W bit. In turn, the slave acknowledges a valid
slave address. Subsequently, the slave transmits the MSB byte of the actual selected data register by
the index register. After the MSB byte transmission, acknowledge is sent by the master. Afterwards,
the LSB byte is transmitted by the slave which is also acknowledged by the master after the
completed transmission. The data transfer can be terminated by the master by transmitting a Not-
Acknowledge after the transmitted slave data or by invoking a START or a STOP condition on the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com